Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 611 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 611 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 607Page - Renesas Technology Corp SH7041A Datasheet HTML 608Page - Renesas Technology Corp SH7041A Datasheet HTML 609Page - Renesas Technology Corp SH7041A Datasheet HTML 610Page - Renesas Technology Corp SH7041A Datasheet HTML 611Page - Renesas Technology Corp SH7041A Datasheet HTML 612Page - Renesas Technology Corp SH7041A Datasheet HTML 613Page - Renesas Technology Corp SH7041A Datasheet HTML 614Page - Renesas Technology Corp SH7041A Datasheet HTML 615Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 611 / 923 page
background image
573
• Bit 5—A/D Start (ADST): Selects start/end of A/D conversion. A1 is maintained during A/D
conversion start. It is also possible to set a 1 by the A/D conversion trigger input pin
(ADTRG).
Bit 5:
ADST
Description
0
A/D conversion halted
(Initial value)
1
1. Single mode: Starts A/D conversion. Automatically clears to 0 when conversion of
the designated channel is complete
2. Scan mode: Starts A/D conversion. Continuous conversion until cleared to 0 by the
software
• Bit 4—Scan Mode (SCAN): Selects the A/D conversion mode from single mode and scan
mode. For operations during single/scan mode, see section 16.4, Operation. When switching
modes, proceed while ADST=0.
Bit 4:
SCAN
Description
0
Single mode
(Initial value)
1
Scan mode
• Bit 3—Clock Select (CKS): Sets the A/D conversion time. Proceed conversion time switch
while adst=0. Always set CKS=0 when operating frequency exceeds 20MHz.
Bit 3:
CKS
Description
0
Conversion time = 266 states (max)
(Initial value)
1
Conversion time = 134 states (max)
• Bit 2—Reserved bit: Bit 2 always reads 0. Furthermore, always write 0.
• Bits 1, 0—Channel select 1, 0 (CH1, CH0): Selects the analog input channel along with the
SCAN bit. Switch channels while ADST=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com