Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 612 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 612 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 608Page - Renesas Technology Corp SH7041A Datasheet HTML 609Page - Renesas Technology Corp SH7041A Datasheet HTML 610Page - Renesas Technology Corp SH7041A Datasheet HTML 611Page - Renesas Technology Corp SH7041A Datasheet HTML 612Page - Renesas Technology Corp SH7041A Datasheet HTML 613Page - Renesas Technology Corp SH7041A Datasheet HTML 614Page - Renesas Technology Corp SH7041A Datasheet HTML 615Page - Renesas Technology Corp SH7041A Datasheet HTML 616Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 923 page
background image
574
Channel
Selection
Description
Single mode
Scan mode
CH1
CH0
A/D0
A/D1
A/D0
A/D1
0
0
AN0
(Initial value)
AN4
(Initial value)
AN0
AN4
1
AN1
AN5
AN0, AN1
AN4, AN5
1
0
AN2
AN6
AN0, AN1
AN4–AN6
1
AN3
AN7
AN0–AN3
AN4–AN7
16.2.3
A/D Control Register (ADCR0, ADCR1)
A/D control registers (ADCR0, 1) are registers that can read/write in 8 bits and enables or disables
A/D conversion start of the external trigger input. There are the ADCR0 (A/D0) and ADCR1
(A/D1).
ADCR is initialized to H'7F during power-on reset and standby mode. Manual reset does not
initialize ADCR.
—
TRGE
—
—
—
—
—
—
7
654
3
2
10
0
111
1
1
11
R/W :
R/W
R
R
R
R
R
R
R
Initial value :
Bit :
• Bit 7—Trigger Enable (TRGE): Enables or disables A/D conversion start of input from
external or MTU trigger.
Bit 7:
TRGE
Description
0
Disables A/D conversion start of external or MTU trigger
(Initial value)
1
Starts A/D conversion on last transition edge of A/D conversion trigger input pin
(
ADTRG) or MTU trigger.
A/D0 and A/D1 are common for external trigger pin and MTU trigger.
A/D0 and A/D1 settings are of logical sum.
• Bits 6–0—Reserved bits: These bits always read as 1. The write value should always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com