Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 616 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 616 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 612Page - Renesas Technology Corp SH7041A Datasheet HTML 613Page - Renesas Technology Corp SH7041A Datasheet HTML 614Page - Renesas Technology Corp SH7041A Datasheet HTML 615Page - Renesas Technology Corp SH7041A Datasheet HTML 616Page - Renesas Technology Corp SH7041A Datasheet HTML 617Page - Renesas Technology Corp SH7041A Datasheet HTML 618Page - Renesas Technology Corp SH7041A Datasheet HTML 619Page - Renesas Technology Corp SH7041A Datasheet HTML 620Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 923 page
background image
578
16.4.2
Scan Mode (SCAN=1)
The scan mode is optimal for monitoring analog input of multiple channels (including channel 1).
A/D conversion is started from channel 1 (AN0 for A/D0 and AN4 for A/D1) of the group when
the ADST bit of the A/D control/status register (ADCSR) is set to 1 by the software or external
trigger input.
When multiple channels are selected, A/D conversion of channel 2 (AN1 or AN5) is initiated
immediately after completion of the channel 1 conversion.
To switch modes or analog input channels during A/D conversion, clear the ADST bit to 0 and
stop A/D conversion to avoid malfunction. After switching (mode/channel change and ADST bit
setting can be made at the same time), set ADST bit to 1 to restart A/D conversion from channel 1.
An example of operation when three channels of A/D0 (AN0–2) are selected for A/D conversion
is shown in figure 16.4 (the bit specification in the example is the ADCSR0 register).
1.
Set operation mode to scan mode (SCAN=1), set analog channels to AN0–2 (CH1=1, CH0=0)
then start A/D conversion (ADST=1).
2. When A/D conversion for channel 1 is complete, A/D conversion result is transferred to
ADDRA0.
Next, channel 2 (AN1) will automatically be selected and conversion will begin.
3.
In the same manner, channel 3 will be converted (AN2).
4.
When conversion of all of the selected channels (AN0–AN2) are complete, ADF will become
1 and channel 1 (AN0) will again be selected and conversion will begin.
At this time, if the ADIE bit is set to 1, ADI interrupt request will occur after completing A/D
conversion.
5. Steps (2) to (4) will be repeated while ADST bit is set to 1.
A/D conversion will stop when setting the ADST bit to 0. When setting the ADST bit to 1,
A/D conversion will start again from channel 1 (AN0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com