Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 619 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 619 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 615Page - Renesas Technology Corp SH7041A Datasheet HTML 616Page - Renesas Technology Corp SH7041A Datasheet HTML 617Page - Renesas Technology Corp SH7041A Datasheet HTML 618Page - Renesas Technology Corp SH7041A Datasheet HTML 619Page - Renesas Technology Corp SH7041A Datasheet HTML 620Page - Renesas Technology Corp SH7041A Datasheet HTML 621Page - Renesas Technology Corp SH7041A Datasheet HTML 622Page - Renesas Technology Corp SH7041A Datasheet HTML 623Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 619 / 923 page
background image
581
Table 16.4
A/D Conversion Time (Single Mode)
CKS=0
CKS=1
Notation Min
Typ
Max
Min
Typ
Max
A/D conversion start delay time t
D
10
—17
6
—9
Input sampling time
t
SPL
—
64—
—
32—
A/D conversion time
t
CCNV
259
—
266
131
—
134
Note:
Numbers in the table are in states (t
cyc ).
16.4.4
External Trigger Input Timing
It is possible to start A/D conversion from an external trigger input. External trigger input is input
from the
ADTRG pin or MTU when the TRGE bit of the A/D control register (ADCR) is set to 1.
A/D conversion is started when the ADST bit of the A/D control/status register (ADCSR) is set to
1 by the
ADTRG input pin last transition edge or MTU trigger. Other operations, regardless of
whether in the single or scan mode, are the same as when setting the ADST bit to 1 with the
software.
Figure 16.6 shows an example of external trigger input timing.
ADTRG
External trigger
signal
A/D conversion
CK
ADST
Figure 16.6 External Trigger Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com