Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 622 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 622 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 618Page - Renesas Technology Corp SH7041A Datasheet HTML 619Page - Renesas Technology Corp SH7041A Datasheet HTML 620Page - Renesas Technology Corp SH7041A Datasheet HTML 621Page - Renesas Technology Corp SH7041A Datasheet HTML 622Page - Renesas Technology Corp SH7041A Datasheet HTML 623Page - Renesas Technology Corp SH7041A Datasheet HTML 624Page - Renesas Technology Corp SH7041A Datasheet HTML 625Page - Renesas Technology Corp SH7041A Datasheet HTML 626Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 923 page
background image
584
16.7
Usage Notes
The following points should be noted when using the mid-speed A/D converter.
16.7.1
Analog Voltage Settings
(1) Analog input voltage range
The voltage applied to analog input pins during A/D conversion should be in the range AVSS
≤ ANn ≤ AV
ref (n = 0 to 7).
(2) AV
CC and AVSS input voltages
For the AV
CC and AVSS input voltages, set AVCC = VCC ±10% and AVSS = VSS. When the
medium-speed A/D converter is not used, set AV
CC = VCC and AVSS = VSS.
(3) AVref input voltage
For the AV
ref pin input voltage analog reference, set AVref ≤ AVCC. When the medium-speed
A/D converter is not used, set AV
ref = AVCC.
(4) AV
CC and AVref must be connected to the power supply (VCC) even if the medium-speed A/D
converter is not used or is in standby mode.
16.7.2
Handling of Analog Input Pins
To prevent damage from surges and other abnormal voltages at the analog input pins (AN0-AN7),
connect a protection circuit such as that shown in figure 16.8. This circuit also includes a CR filter
function that suppresses error due to noise. The circuit shown here is only a design example;
circuit constants must be decided on the basis of the actual operating conditions.
Figure 16.9 shows an equivalent circuit for the analog input pins, and table 16.6 summarizes the
analog input pin specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com