Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 621 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 621 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 617Page - Renesas Technology Corp SH7041A Datasheet HTML 618Page - Renesas Technology Corp SH7041A Datasheet HTML 619Page - Renesas Technology Corp SH7041A Datasheet HTML 620Page - Renesas Technology Corp SH7041A Datasheet HTML 621Page - Renesas Technology Corp SH7041A Datasheet HTML 622Page - Renesas Technology Corp SH7041A Datasheet HTML 623Page - Renesas Technology Corp SH7041A Datasheet HTML 624Page - Renesas Technology Corp SH7041A Datasheet HTML 625Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 621 / 923 page
background image
583
16.6
A/D Conversion Precision Definitions
The medium-speed A/D converter converts analog values input from analog input channels to 10-
bit digital values by comparing them with an analog reference voltage. In this operation, the
absolute precision of the A/D conversion (i.e. the deviation between the input analog value and the
output digital value) includes the following kinds of error.
(1) Offset error
(2) Full-scale error
(3) Quantization error
(4) Nonlinearity error
The above four kinds of error are described below with reference to figure 16.7. For the sake of
clarity, this figure shows 3-bit medium-speed A/D conversion rather than 10-bit medium-speed
A/D conversion. Offset error (see figure 16.7 (1)) is the deviation between the actual A/D
conversion characteristic and the ideal A/D conversion characteristic when the digital output value
changes from the minimum value (zero voltage) of 0000000000 (000 in the figure) to 0000000001
(001 in the figure ). Full-scale error (see figure 16.7 (2)) is the deviation between the actual A/D
conversion characteristic and the ideal A/D conversion characteristic when the digital output value
changes from 1111111110 (110 in the figure) to the maximum value (full-scale voltage) of
111111111 (111 in the figure). Quantization error is the deviation inherent in the medium-speed
A/D converter, given by 1/2 LSB (see figure 16.7 (3)). Nonlinearity error is the deviation between
the actual A/D conversion characteristic and the ideal A/D conversion characteristic from zero
voltage to full-scale voltage (see figure 16.7 (4)). This does not include offset error, full-scale
error, and quantization error.
0
1/8
2/8
3/8
4/8
5/8
6/8
7/8
FS
111
110
101
100
011
010
001
000
Analog input
voltage
(3) Quantization error
(4) Nonlinearity error
(2) Full-scale error
Ideal A/D conversion
Characteristic
Ideal A/D conversion
Characteristic
Digital output
Digital output
FS : Full-scale voltage
FS
Analog input
voltage
Actual A/D conversion
characteristic
(1) Offset error
Figure 16.7 A/D Conversion Precision Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com