Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 614Page - Renesas Technology Corp SH7041A Datasheet HTML 615Page - Renesas Technology Corp SH7041A Datasheet HTML 616Page - Renesas Technology Corp SH7041A Datasheet HTML 617Page - Renesas Technology Corp SH7041A Datasheet HTML 618Page - Renesas Technology Corp SH7041A Datasheet HTML 619Page - Renesas Technology Corp SH7041A Datasheet HTML 620Page - Renesas Technology Corp SH7041A Datasheet HTML 621Page - Renesas Technology Corp SH7041A Datasheet HTML 622Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 923 page
background image
580
16.4.3
Input Sampling and A/D Conversion Time
The mid-speed A/D converter is equipped with a sample and hold circuit. The mid-speed A/D
converter samples input after t
D hours has elapsed since setting the ADST bit of the A/D
control/status register (ADCSR) to 1, then begins conversion. The A/D conversion timing is
shown in table 16.4.
The A/D conversion time, as shown in figure 16.5, includes both t
D and input sampling time. Here,
t
D is determined by the write timing to ADCSR and is not constant. Thus the conversion time
changes in the range shown in table 16.4.
The conversion time shown in table 16.4 is the time for the first conversion. For the second
conversion and after, the time will be 256 state (fixed) for CKS=0 and 128 state (fixed) for
CKS=1.
(1)
(2)
CK
ADF
t D
t SPL
t CONV
< Key>
(1): Write cycle of ADCSR
(2): Address of ADCSR
Address
Write signal
Input sampling
timing
tD: A/D conversion start delay time
tSPL: Input sampling time
tCONV: A/D conversion time
Figure 16.5 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com