Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 647 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 647 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 643Page - Renesas Technology Corp SH7041A Datasheet HTML 644Page - Renesas Technology Corp SH7041A Datasheet HTML 645Page - Renesas Technology Corp SH7041A Datasheet HTML 646Page - Renesas Technology Corp SH7041A Datasheet HTML 647Page - Renesas Technology Corp SH7041A Datasheet HTML 648Page - Renesas Technology Corp SH7041A Datasheet HTML 649Page - Renesas Technology Corp SH7041A Datasheet HTML 650Page - Renesas Technology Corp SH7041A Datasheet HTML 651Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 647 / 923 page
background image
609
18.3.2
Port A I/O Register L (PAIORL)
The port A I/O register L (PAIORL) is a 16-bit read/write register that selects input or output for
the least significant 16 pins of port A. Bits PA15IOR–PA0IOR correspond to pins PA15/CK–
PA0/RXD0. PAIORL is enabled when the port A pins function as general input/outputs (PA15–
PA0), or with the serial clock (SCK1, SCK0). For other functions, it is disabled.
When the port A pin functions PA15–PA0 are SCK1, SCK0, a given pin in port A is an output pin
if its corresponding PAIORL bit is set to 1, and an input pin if the bit is cleared to 0.
PAIORL is initialized to H'0000 by external power-on reset; however, it is not initialized for
manual resets, reset by WDT, standby mode, or sleep mode, so the previous data is maintained.
Bit:
15
14
13
12
11
10
9
8
PA15
IOR
PA14
IOR
PA13
IOR
PA12
IOR
PA11
IOR
PA10
IOR
PA9
IOR
PA8
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
5
4
3
2
1
0
PA7
IOR
PA6
IOR
PA5
IOR
PA4
IOR
PA3
IOR
PA2
IOR
PA1
IOR
PA0
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
18.3.3
Port A Control Register H (PACRH)
PACRH is a 16-bit read/write register that selects the multiplex pin function for the eight most
significant pins of port A. PACRH selects the PA23/
WRHH–PA16/AH pin functions.
The eight most significant pins of port A have bus control signals (
WRHH, WRHL, CASHH,
CASHL, BACK, BREQ, WAIT, AH) and DMAC control signals (DRAK1, DRAK0), but there
are instances when the register settings that select these pin functions will be ignored. Refer to
table 18.2, Pin Arrangement by Mode.
PACRH is initialized to H'0000 by external power-on reset but is not initialized for manual resets,
reset by WDT, standby mode, or sleep mode, so the previous data is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com