Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 650 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 650 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 646Page - Renesas Technology Corp SH7041A Datasheet HTML 647Page - Renesas Technology Corp SH7041A Datasheet HTML 648Page - Renesas Technology Corp SH7041A Datasheet HTML 649Page - Renesas Technology Corp SH7041A Datasheet HTML 650Page - Renesas Technology Corp SH7041A Datasheet HTML 651Page - Renesas Technology Corp SH7041A Datasheet HTML 652Page - Renesas Technology Corp SH7041A Datasheet HTML 653Page - Renesas Technology Corp SH7041A Datasheet HTML 654Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 650 / 923 page
background image
612
• Bit 0—PA16 Mode (PA16MD): Selects the function of the PA16/AH pin.
Bit 0: PA16MD
Description
0
General input/output (PA16) (initial value)
1
Address hold output (
AH) (PA16 in single chip mode)
18.3.4
Port A Control Registers L1, L2 (PACRL1 and PACRL2)
PACRL1 and PACRL2 are 16-bit read/write registers that select the functions of the least
significant sixteen multiplexed pins of port A. PACRL1 selects the function of the PA15/CK–
PA8/TCLKC/
IRQ2 pins of port A; PACRL2 selects the function of the PA7/TCLKB/CS3–
PA0/RXD0 pins of port A.
Port A has bus control signals (
RD, WRH, WRL, CS0–CS3, AH) and DMAC control signals
(DREQ0–DREQ1), but there are instances when the register settings that select these pin functions
will be ignored, depending on the operation mode. Refer to table 18.2, Pin Arrangement by Mode,
for details.
PACRL1 is initialized by external power-on reset to H'4000 in extended mode, and to H'0000 in
single chip mode. PACRL2 is initialized by external power-on reset to H'0000. Neither register is
initialized by manual resets, reset by WDT, standby mode, or sleep mode, so the previous data is
maintained.
Port A Control Register L1 (PACRL1):
Bit:
15
14
13
12
11
10
9
8
—
PA15MD
—
PA14MD
—
PA13MD
—
PA12MD
Initial value:
0
0(1)*
00
000
0
R/W:
R
R/W
R
R/W
R
R/W
R
R/W
Bit:
76
5
4
3
2
1
0
—
PA11MD
—
PA10MD PA9MD1 PA9MD0 PA8MD1 PA8MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R
R/W
R/W
R/W
R/W
R/W
Note: * Bit 14 is initialized to 1 in extended mode.
• Bit 15—Reserved: This bit always reads as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com