Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 649 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 649 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 645Page - Renesas Technology Corp SH7041A Datasheet HTML 646Page - Renesas Technology Corp SH7041A Datasheet HTML 647Page - Renesas Technology Corp SH7041A Datasheet HTML 648Page - Renesas Technology Corp SH7041A Datasheet HTML 649Page - Renesas Technology Corp SH7041A Datasheet HTML 650Page - Renesas Technology Corp SH7041A Datasheet HTML 651Page - Renesas Technology Corp SH7041A Datasheet HTML 652Page - Renesas Technology Corp SH7041A Datasheet HTML 653Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 649 / 923 page
background image
611
• Bit 8—PA20 Mode (PA20MD): Selects the function of the PA20/CASHL pin.
Bit 8: PA20MD
Description
0
General input/output (PA20) (initial value)
1
Column address output (
CASHL) (PA20 in single chip mode)
• Bits 7 and 6—PA19 Mode 1, 0 (PA19MD1 and PA19MD0): These bits select the function of
the PA19/
BACK/DRAK1 pin.
Bit 7:
PA19MD1
Bit 6:
PA19MD0
Description
0
0
General input/output (PA19) (initial value)
1
Bus right request acknowledge (
BACK) (PA19 in single chip
mode)
1
0
DREQ1 request received output (DRAK1) (PA19 in single
chip mode)
1
Reserved
• Bits 5 and 4—PA18 Mode 1, 0 (PA18MD1 and PA18MD0): These bits select the function of
the PA18/
BREQ/DRAK0 pin.
Bit 5:
PA18MD1
Bit 4:
PA18MD0
Description
0
0
General input/output (PA18) (initial value)
1
Bus right request input (
BREQ) (PA18 in single chip mode)
1
0
DREQ0 request received output (DRAK0) (PA18 in single
chip mode)
1
Reserved
• Bit 3—Reserved: This bit always reads as 0. The write value should always be 0.
• Bit 2—PA17 Mode (PA17MD): Selects the function of the PA17/WAIT pin.
Bit 2: PA17MD
Description
0
General input/output (PA17) (initial value)
1
Wait state request input (
WAIT) (PA17 in single chip mode)
• Bit 1—Reserved: This bit always reads as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com