Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 653 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 653 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 649Page - Renesas Technology Corp SH7041A Datasheet HTML 650Page - Renesas Technology Corp SH7041A Datasheet HTML 651Page - Renesas Technology Corp SH7041A Datasheet HTML 652Page - Renesas Technology Corp SH7041A Datasheet HTML 653Page - Renesas Technology Corp SH7041A Datasheet HTML 654Page - Renesas Technology Corp SH7041A Datasheet HTML 655Page - Renesas Technology Corp SH7041A Datasheet HTML 656Page - Renesas Technology Corp SH7041A Datasheet HTML 657Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 653 / 923 page
background image
615
Port A Control Register L2 (PACRL2):
Bit:
15
14
13
12
11
10
9
8
PA7
MD1
PA7
MD0
PA6
MD1
PA6
MD0
PA5
MD1
PA5
MD0
—
PA4MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Bit:
76
5
4
3
2
1
0
—
PA3MD
PA2
MD1
PA2
MD0
—
PA1MD
—
PA0MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R
R/W
R
R/W
• Bits 15 and 14—PA7 Mode 1, 0 (PA7MD1 and PA7MD0): These bits select the function of
the PA7/TCLKB/
CS3 pin.
Bit 15:
PA7MD1
Bit 14:
PA7MD0
Description
0
0
General input/output (PA7) (initial value)
1
MTU timer clock input (TCLKB)
1
0
Chip select output (
CS3) (PA7 in single chip mode)
1
Reserved
• Bits 13 and 12—PA6 Mode 1, 0 (PA6MD1 and PA6MD0): These bits select the function of
the PA6/TCLKA/
CS2 pin.
Bit 13:
PA6MD1
Bit 12:
PA6MD0
Description
0
0
General input/output (PA6) (initial value)
1
MTU timer clock input (TCLKA)
1
0
Chip select output (
CS2) (PA6 in single chip mode)
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com