Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 655 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 655 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 651Page - Renesas Technology Corp SH7041A Datasheet HTML 652Page - Renesas Technology Corp SH7041A Datasheet HTML 653Page - Renesas Technology Corp SH7041A Datasheet HTML 654Page - Renesas Technology Corp SH7041A Datasheet HTML 655Page - Renesas Technology Corp SH7041A Datasheet HTML 656Page - Renesas Technology Corp SH7041A Datasheet HTML 657Page - Renesas Technology Corp SH7041A Datasheet HTML 658Page - Renesas Technology Corp SH7041A Datasheet HTML 659Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 655 / 923 page
background image
617
• Bit 2—PA1 Mode (PA1MD): Selects the function of the PA1/TxD0 pin.
Bit 2: PA1MD
Description
0
General input/output (PA1) (initial value)
1
Transmit data output (TxD0)
• Bit 1—Reserved: This bit always reads as 0. The write value should always be 0.
• Bit 0—PA0 Mode (PA0MD): Selects the function of the PA0/RxD0 pin.
Bit 0: PA0MD
Description
0
General input/output (PA0) (initial value)
1
Receive data input (RxD0)
18.3.5
Port B I/O Register (PBIOR)
The port B I/O register (PBIOR) is a 16-bit read/write register that selects input or output for the
ten port B pins. Bits PB9IOR–PB0IOR correspond to the PB9/
IRQ7/A21/ADTRG pin to PB0/A16
pin. PBIOR is enabled when the port B pins function as input/outputs (PB9–PB0). For other
functions, it is disabled.
For port B pin functions PB9–PB0, a given pin in port B is an output pin if its corresponding
PBIOR bit is set to 1, and an input pin if the bit is cleared to 0.
PBIOR is initialized to H'0000 by external power-on reset; however, it is not initialized for manual
resets, reset by WDT, standby mode, or sleep mode, so the previous data is maintained.
Bit:
15
14
13
12
11
10
9
8
——
——
——
PB9
IOR
PB8
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R/W
R/W
Bit:
76
5
4
3
2
1
0
PB7
IOR
PB6
IOR
PB5
IOR
PB4
IOR
PB3
IOR
PB2
IOR
PB1
IOR
PB0
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com