Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 658 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 658 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 654Page - Renesas Technology Corp SH7041A Datasheet HTML 655Page - Renesas Technology Corp SH7041A Datasheet HTML 656Page - Renesas Technology Corp SH7041A Datasheet HTML 657Page - Renesas Technology Corp SH7041A Datasheet HTML 658Page - Renesas Technology Corp SH7041A Datasheet HTML 659Page - Renesas Technology Corp SH7041A Datasheet HTML 660Page - Renesas Technology Corp SH7041A Datasheet HTML 661Page - Renesas Technology Corp SH7041A Datasheet HTML 662Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 658 / 923 page
background image
620
• Bits 13 and 12—PB6 Mode (PB6MD1 and PB6MD0): PB6MD1 and PB6MD0 select the
function of the PB6/
IRQ4/A18/BACK pin.
Bit 13:
PB6MD1
Bit 12:
PB6MD0
Description
0
0
General input/output (PB6) (initial value)
1
Interrupt request input (
IRQ4)
1
0
Address output (A18) (PB6 in single chip mode)
1
Bus right request output (
BACK) (PB6 in single chip mode)
• Bits 11 and 10—PB5 Mode (PB5MD1 and PB5MD0): PB5MD1 and PB5MD0 select the
function of the PB5/
IRQ3/POE3/RDWR pin.
Bit 11:
PB5MD1
Bit 10:
PB5MD0
Description
0
0
General input/output (PB5) (initial value)
1
Interrupt request input (
IRQ3)
1
0
Port output enable (
POE3)
1
Read/write output (RDWR)
• Bits 9 and 8—PB4 Mode (PB4MD1 and PB4MD0): PB4MD1 and PB4MD0 select the
function of the PB4/
IRQ2/POE2/CASH pin.
Bit 9: PB4MD1
Bit 8: PB4MD0
Description
0
0
General input/output (PB4) (initial value)
1
Interrupt request input (
IRQ2)
1
0
Port output enable (
POE2)
1
Column address strobe (
CASH) (PB4 in single chip mode)
• Bits 7 and 6—PB3 Mode (PB3MD1 and PB3MD0): PB3MD1 and PB3MD0 select the
function of the PB3/
IRQ1/POE1/CASL pin.
Bit 7: PB3MD1
Bit 6: PB3MD0
Description
0
0
General input/output (PB3) (initial value)
1
Interrupt request input (
IRQ1)
1
0
Port output enable (
POE1)
1
Column address strobe (
CASL) (PB3 in single chip mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com