Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 656 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 656 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 652Page - Renesas Technology Corp SH7041A Datasheet HTML 653Page - Renesas Technology Corp SH7041A Datasheet HTML 654Page - Renesas Technology Corp SH7041A Datasheet HTML 655Page - Renesas Technology Corp SH7041A Datasheet HTML 656Page - Renesas Technology Corp SH7041A Datasheet HTML 657Page - Renesas Technology Corp SH7041A Datasheet HTML 658Page - Renesas Technology Corp SH7041A Datasheet HTML 659Page - Renesas Technology Corp SH7041A Datasheet HTML 660Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 656 / 923 page
background image
618
18.3.6
Port B Control Registers (PBCR1 and PBCR2)
PBCR1 and PBCR2 are 16-bit read/write registers that select the functions of the ten multiplexed
pins of port B. PBCR1 selects the functions of the top two bits of port B; PBCR2 selects the
functions of the bottom eight bits of port B.
Port B has bus control signals (RDWR,
RAS, CASH, CASL, WAIT, BREQ, BACK) and address
outputs (A21, A20, A19, A18, A17, A16), but there are instances when the register settings that
select these pin functions will be ignored, depending on the operation mode. Refer to table 18.2,
Pin Arrangement by Mode, for details.
PBCR1 and PBCR2 are both initialized to H'0000 by external power-on reset but are not
initialized for manual resets, reset by WDT, standby mode, or sleep mode, so the previous data is
maintained.
Port B Control Register 1 (PBCR1):
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
76
5
4
3
2
1
0
—
—
—
—
PB9
MD1
PB9
MD0
PB8
MD1
PB8
MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
• Bits 15-4—Reserved: These bits always read as 0. The write value should always be 0.
• Bits 3 and 2—PB9 Mode (PB9MD1 and PB9MD0): PB9MD1 and PB9MD0 select the
function of the PB9/
IRQ7/A21/ADTRG pin.
Bit 3: PB9MD1
Bit 2: PB9MD0
Description
0
0
General input/output (PB9) (initial value)
1
Interrupt request input (
IRQ7)
1
0
Address output (A21) (PB9 in single chip mode)
1
A/D conversion trigger input (
ADTRG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com