Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 662 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 662 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 658Page - Renesas Technology Corp SH7041A Datasheet HTML 659Page - Renesas Technology Corp SH7041A Datasheet HTML 660Page - Renesas Technology Corp SH7041A Datasheet HTML 661Page - Renesas Technology Corp SH7041A Datasheet HTML 662Page - Renesas Technology Corp SH7041A Datasheet HTML 663Page - Renesas Technology Corp SH7041A Datasheet HTML 664Page - Renesas Technology Corp SH7041A Datasheet HTML 665Page - Renesas Technology Corp SH7041A Datasheet HTML 666Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 662 / 923 page
background image
624
• Bit 12—PC12 Mode (PC12MD): Selects the function of the PC12/A12 pin.
Bit 12: PC12MD
Description
0
General input/output (PC12) (initial value) (A12 in on-chip ROM invalid mode)
1
Address output (A12) (PC12 in single chip mode)
• Bit 11—PC11 Mode (PC11MD): Selects the function of the PC11/A11 pin.
Bit 11: PC11MD
Description
0
General input/output (PC11) (initial value) (A11 in on-chip ROM invalid mode)
1
Address output (A11) (PC11 in single chip mode)
• Bit 10—PC10 Mode (PC10MD): Selects the function of the PC10/A10 pin.
Bit 10: PC10MD
Description
0
General input/output (PC10) (initial value) (A10 in on-chip ROM invalid mode)
1
Address output (A10) (PC10 in single chip mode)
• Bit 9—PC9 Mode (PC9MD): Selects the function of the PC9/A9 pin.
Bit 9: PC9MD
Description
0
General input/output (PC9) (initial value) (A9 in on-chip ROM invalid mode)
1
Address output (A9) (PC9 in single chip mode)
• Bit 8—PC8 Mode (PC8MD): Selects the function of the PC8/A8 pin.
Bit 8: PC8MD
Description
0
General input/output (PC8) (initial value) (A8 in on-chip ROM invalid mode)
1
Address output (A8) (PC8 in single chip mode)
• Bit 7—PC7 Mode (PC7MD): Selects the function of the PC7/A7 pin.
Bit 7: PC7MD
Description
0
General input/output (PC7) (initial value) (A7 in on-chip ROM invalid mode)
1
Address output (A7) (PC7 in single chip mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com