Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 665 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 665 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 661Page - Renesas Technology Corp SH7041A Datasheet HTML 662Page - Renesas Technology Corp SH7041A Datasheet HTML 663Page - Renesas Technology Corp SH7041A Datasheet HTML 664Page - Renesas Technology Corp SH7041A Datasheet HTML 665Page - Renesas Technology Corp SH7041A Datasheet HTML 666Page - Renesas Technology Corp SH7041A Datasheet HTML 667Page - Renesas Technology Corp SH7041A Datasheet HTML 668Page - Renesas Technology Corp SH7041A Datasheet HTML 669Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 923 page
background image
627
18.3.10
Port D I/O Register L (PDIORL)
The port D I/O register L (PDIORL) is a 16-bit read/write register that selects input or output for
the least significant sixteen port D pins. Bits PD15IOR–PD0IOR correspond to the PD15/D15 pin
to PD0/D0 pin. PDIORL is enabled when the port D pins function as general input/outputs
(PD15–PD0). For other functions, it is disabled.
For port D pin functions PD15–PD0, a given pin in port D is an output pin if its corresponding
PDIORL bit is set to 1, and an input pin if the bit is cleared to 0.
PDIORL is initialized to H'0000 by external power-on reset; however, it is not initialized for
manual resets, reset by WDT, standby mode, or sleep mode, so the previous data is maintained.
Bit:
15
14
13
12
11
10
9
8
PD15
IOR
PD14
IOR
PD13
IOR
PD12
IOR
PD11
IOR
PD10
IOR
PD9
IOR
PD8
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
5
4
3
2
1
0
PD7
IOR
PD6
IOR
PD5
IOR
PD4
IOR
PD3
IOR
PD2
IOR
PD1
IOR
PD0
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
18.3.11
Port D Control Registers H1, H2 (PDCRH1 and PDCRH2)
PDCRH1 and PDCRH2 are 16-bit read/write registers that select the functions of the most
significant sixteen multiplexed pins of port D. PDCRH1 selects the functions of the
PD31/D31/
ADTRG–PD24/D24/DREQ0 pins of port D; PDCRH2 selects the functions of the
PD23/D23/
IRQ7–PD16/D16/IRQ0 pins of port D. There are instances when these register settings
will be ignored, depending on the operation mode. Refer to table 18.2, Pin Arrangement by Mode,
for details.
The settings for this register are effective only for the 144-pin version. There are no corresponding
pins for this register in the 112-pin and 120-pin versions. However, read/writes are possible.
PDCRH1 and PDCRH2 are both initialized to H'0000 by external power-on reset but are not
initialized for manual resets, reset by WDT, standby mode, or sleep mode, so the previous data is
maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com