Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 669 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 669 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 665Page - Renesas Technology Corp SH7041A Datasheet HTML 666Page - Renesas Technology Corp SH7041A Datasheet HTML 667Page - Renesas Technology Corp SH7041A Datasheet HTML 668Page - Renesas Technology Corp SH7041A Datasheet HTML 669Page - Renesas Technology Corp SH7041A Datasheet HTML 670Page - Renesas Technology Corp SH7041A Datasheet HTML 671Page - Renesas Technology Corp SH7041A Datasheet HTML 672Page - Renesas Technology Corp SH7041A Datasheet HTML 673Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 923 page
background image
631
Port D Control Register H2 (PDCRH2):
Bit:
15
14
13
12
11
10
9
8
PD23
MD1
PD23
MD0
PD22
MD1
PD22
MD0
PD21
MD1
PD21
MD0
PD20
MD1
PD20
MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
5
4
3
2
1
0
PD19
MD1
PD19
MD0
PD18
MD1
PD18
MD0
PD17
MD1
PD17
MD0
PD16
MD1
PD16
MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15 and 14—PD23 Mode 1, 0 (PD23MD1 and PD23MD0): These bits select the function
of the PD23/D23/
IRQ7 pin.
Bit 15:
PD23MD1
Bit 14:
PD23MD0
Description
0
0
General input/output (PD23) (initial value) (D23 with no ROM
and CS0 = 32 bit width)
1
Data input/output (D23) (PD23 in single chip mode)
1
0
Interrupt request input (
IRQ7)
1
Reserved
• Bits 13 and 12—PD22 Mode 1, 0 (PD22MD1 and PD22MD0): These bits select the function
of the PD22/D22/
IRQ6 pin.
Bit 13:
PD22MD1
Bit 12:
PD22MD0
Description
0
0
General input/output (PD22) (initial value) (D22 with no ROM
and CS0 = 32 bit width)
1
Data input/output (D22) (PD22 in single chip mode)
1
0
Interrupt request input (
IRQ6)
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com