Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 673 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 673 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 669Page - Renesas Technology Corp SH7041A Datasheet HTML 670Page - Renesas Technology Corp SH7041A Datasheet HTML 671Page - Renesas Technology Corp SH7041A Datasheet HTML 672Page - Renesas Technology Corp SH7041A Datasheet HTML 673Page - Renesas Technology Corp SH7041A Datasheet HTML 674Page - Renesas Technology Corp SH7041A Datasheet HTML 675Page - Renesas Technology Corp SH7041A Datasheet HTML 676Page - Renesas Technology Corp SH7041A Datasheet HTML 677Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 673 / 923 page
background image
635
• Bit 15—PD15 Mode (PD15MD): Selects the function of the PD15/D15 pin.
Bit 15: PD15MD
Description
0
General input/output (PD15) (initial value) (D15 in on-chip ROM invalid mode)
1
Data input/output (D15) (PD15 in single chip mode)
• Bit 14—PD14 Mode (PD14MD): Selects the function of the PD14/D14 pin.
Bit 14: PD14MD
Description
0
General input/output (PD14) (initial value) (D14 in on-chip ROM invalid mode)
1
Data input/output (D14) (PD14 in single chip mode)
• Bit 13—PD13 Mode (PD13MD): Selects the function of the PD13/D13 pin.
Bit 13: PD13MD
Description
0
General input/output (PD13) (initial value) (D13 in on-chip ROM invalid mode)
1
Data input/output (D13) (PD13 in single chip mode)
• Bit 12—PD12 Mode (PD12MD): Selects the function of the PD12/D12 pin.
Bit 12: PD12MD
Description
0
General input/output (PD12) (initial value) (D12 in on-chip ROM invalid mode)
1
Data input/output (D12) (PD12 in single chip mode)
• Bit 11—PD11 Mode (PD11MD): Selects the function of the PD11/D11 pin.
Bit 11: PD11MD
Description
0
General input/output (PD11) (initial value) (D11 in on-chip ROM invalid mode)
1
Data input/output (D11) (PD11 in single chip mode)
• Bit 10—PD10 Mode (PD10MD): Selects the function of the PD10/D10 pin.
Bit 10: PD10MD
Description
0
General input/output (PD10) (initial value) (D10 in on-chip ROM invalid mode)
1
Data input/output (D10) (PD10 in single chip mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com