Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 674 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 674 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 670Page - Renesas Technology Corp SH7041A Datasheet HTML 671Page - Renesas Technology Corp SH7041A Datasheet HTML 672Page - Renesas Technology Corp SH7041A Datasheet HTML 673Page - Renesas Technology Corp SH7041A Datasheet HTML 674Page - Renesas Technology Corp SH7041A Datasheet HTML 675Page - Renesas Technology Corp SH7041A Datasheet HTML 676Page - Renesas Technology Corp SH7041A Datasheet HTML 677Page - Renesas Technology Corp SH7041A Datasheet HTML 678Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 923 page
background image
636
• Bit 9—PD9 Mode (PD9MD): Selects the function of the PD9/D9 pin.
Bit 9: PD9MD
Description
0
General input/output (PD9) (initial value) (D9 in on-chip ROM invalid mode)
1
Data input/output (D9) (PD9 in single chip mode)
• Bit 8—PD8 Mode (PD8MD): Selects the function of the PD8/D8 pin.
Bit 8: PD8MD
Description
0
General input/output (PD8) (initial value) (D8 in on-chip ROM invalid mode)
1
Data input/output (D8) (PD8 in single chip mode)
• Bit 7—PD7 Mode (PD7MD): Selects the function of the PD7/D7 pin.
Bit 7: PD7MD
Description
0
General input/output (PD7) (initial value) (D7 in on-chip ROM invalid mode)
1
Data input/output (D7) (PD7 in single chip mode)
• Bit 6—PD6 Mode (PD6MD): Selects the function of the PD6/D6 pin.
Bit 6: PD6MD
Description
0
General input/output (PD6) (initial value) (D6 in on-chip ROM invalid mode)
1
Data input/output (D6) (PD6 in single chip mode)
• Bit 5—PD5 Mode (PD5MD): Selects the function of the PD5/D5 pin.
Bit 5: PD5MD
Description
0
General input/output (PD5) (initial value) (D5 in on-chip ROM invalid mode)
1
Data input/output (D5) (PD5 in single chip mode)
• Bit 4—PD4 Mode (PD4MD): Selects the function of the PD4/D4 pin.
Bit 4: PD4MD
Description
0
General input/output (PD4) (initial value) (D4 in on-chip ROM invalid mode)
1
Data input/output (D4) (PD4 in single chip mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com