Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 678 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 678 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 674Page - Renesas Technology Corp SH7041A Datasheet HTML 675Page - Renesas Technology Corp SH7041A Datasheet HTML 676Page - Renesas Technology Corp SH7041A Datasheet HTML 677Page - Renesas Technology Corp SH7041A Datasheet HTML 678Page - Renesas Technology Corp SH7041A Datasheet HTML 679Page - Renesas Technology Corp SH7041A Datasheet HTML 680Page - Renesas Technology Corp SH7041A Datasheet HTML 681Page - Renesas Technology Corp SH7041A Datasheet HTML 682Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 923 page
background image
640
• Bits 11 and 10—PE13 Mode 1, 0 (PE13MD1 and PE13MD0): These bits select the function of
the PE13/TIOC4B/
MRES pin.
Bit 11:
PE13MD1
Bit 10:
PE13MD0
Description
0
0
General input/output (PE13) (initial value)
1
MTU input capture input/output compare output (TIOC4B)
1
0
Manual reset input (
MRES)
1
Reserved
• Bit 9—Reserved: This bit always reads as 0. The write values should always be 0.
• Bit 8—PE12 Mode (PE12MD): Selects the function of the PE12/TIOC4A pin.
Bit 8: PE12MD
Description
0
General input/output (PE12) (initial value)
1
MTU input capture input/output compare output (TIOC4A)
• Bit 7—Reserved: This bit always reads as 0. The write values should always be 0.
• Bit 6—PE11 Mode (PE11MD): Selects the function of the PE11/TIOC3D pin.
Bit 6: PE11MD
Description
0
General input/output (PE11) (initial value)
1
MTU input capture input/output compare output (TIOC3D)
• Bit 5—Reserved: This bit always reads as 0. The write values should always be 0.
• Bit 4—PE10 Mode (PE10MD): Selects the function of the PE10/TIOC3C pin.
Bit 4: PE10MD
Description
0
General input/output (PE10) (initial value)
1
MTU input capture input/output compare output (TIOC3C)
• Bit 3—Reserved: This bit always reads as 0. The write values should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com