Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 676 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 676 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 672Page - Renesas Technology Corp SH7041A Datasheet HTML 673Page - Renesas Technology Corp SH7041A Datasheet HTML 674Page - Renesas Technology Corp SH7041A Datasheet HTML 675Page - Renesas Technology Corp SH7041A Datasheet HTML 676Page - Renesas Technology Corp SH7041A Datasheet HTML 677Page - Renesas Technology Corp SH7041A Datasheet HTML 678Page - Renesas Technology Corp SH7041A Datasheet HTML 679Page - Renesas Technology Corp SH7041A Datasheet HTML 680Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 676 / 923 page
background image
638
18.3.13
Port E I/O Register (PEIOR)
The port E I/O register (PEIOR) is a 16-bit read/write register that selects input or output for the
16 port E pins. Bits PE15IOR–PE0IOR correspond to pins PE15/TIOC4D/DACK1/
IRQOUT–
PE0/TIOC0A/
DREQ0. PEIOR is enabled when the port E pins function as general input/outputs
(PE15–PE0) or TIOC pin of the MTU. For other functions, it is disabled.
When the port E pin functions are as PE15–PE0, or TIOC pin of the MTU, a given pin in port E is
an output pin if its corresponding PEIOR bit is set to 1, and an input pin if the bit is cleared to 0.
PEIOR is initialized to H'0000 by external power-on reset; however, it is not initialized for manual
resets, reset by WDT, standby mode, or sleep mode, so the previous data is maintained.
Bit:
15
14
13
12
11
10
9
8
PE15
IOR
PE14
IOR
PE13
IOR
PE12
IOR
PE11
IOR
PE10
IOR
PE9
IOR
PE8
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
5
4
3
2
1
0
PE7
IOR
PE6
IOR
PE5
IOR
PE4
IOR
PE3
IOR
PE2
IOR
PE1
IOR
PE0
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
18.3.14
Port E Control Registers 1, 2 (PECR1 and PECR2)
PECR1 and PECR2 are 16-bit read/write registers that select the functions of the sixteen
multiplexed pins of port E. PECR1 selects the functions of the upper eight bit pins of port E;
PECR2 selects the function of the lower eight bit pins of port E.
Port E has a bus control signal (
AH) and DMAC control signals (DACK1, DACK0, DRAK1,
DRAK0), but there are instances when the register settings that select these pin functions will be
ignored, depending on the operation mode. Refer to table 18.2, Pin Arrangement by Mode, for
details.
PECR1 and PECR2 are both initialized to H'0000 by external power-on reset but are not initialized
for manual resets, reset by WDT, standby mode, or sleep mode, so the previous data is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com