Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 679 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 679 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 675Page - Renesas Technology Corp SH7041A Datasheet HTML 676Page - Renesas Technology Corp SH7041A Datasheet HTML 677Page - Renesas Technology Corp SH7041A Datasheet HTML 678Page - Renesas Technology Corp SH7041A Datasheet HTML 679Page - Renesas Technology Corp SH7041A Datasheet HTML 680Page - Renesas Technology Corp SH7041A Datasheet HTML 681Page - Renesas Technology Corp SH7041A Datasheet HTML 682Page - Renesas Technology Corp SH7041A Datasheet HTML 683Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 923 page
background image
641
• Bit 2—PE9 Mode (PE9MD): Selects the function of the PE9/TIOC3B pin.
Bit 2: PE9MD
Description
0
General input/output (PE9) (initial value)
1
MTU input capture input/output compare output (TIOC3B)
• Bit 1—Reserved: This bit always reads as 0. The write values should always be 0.
• Bit 0—PE8 Mode (PE8MD): Selects the function of the PE8/TIOC3A pin.
Bit 0: PE8MD
Description
0
General input/output (PE8) (initial value)
1
MTU input capture input/output compare output (TIOC3A)
Port E Control Register 2 (PECR2):
Bit:
15
14
13
12
11
10
9
8
—
PE7MD
—
PE6MD
—
PE5MD
—
PE4MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R
R/W
R
R/W
R
R/W
Bit:
76
5
4
3
2
1
0
PE3
MD1
PE3
MD0
PE2
MD1
PE2
MD0
PE1
MD1
PE1
MD0
PE0
MD1
PE0
MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bit 15—Reserved: This bit always reads as 0. The write value should always be 0.
• Bit 14—PE7 Mode (PE7MD): Selects the function of the PE7/TIOC2B pin.
Bit 14: PE7MD
Description
0
General input/output (PE7) (initial value)
1
MTU input capture input/output compare output (TIOC2B)
• Bit 13 —Reserved: This bit always reads as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com