Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 682 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 682 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 678Page - Renesas Technology Corp SH7041A Datasheet HTML 679Page - Renesas Technology Corp SH7041A Datasheet HTML 680Page - Renesas Technology Corp SH7041A Datasheet HTML 681Page - Renesas Technology Corp SH7041A Datasheet HTML 682Page - Renesas Technology Corp SH7041A Datasheet HTML 683Page - Renesas Technology Corp SH7041A Datasheet HTML 684Page - Renesas Technology Corp SH7041A Datasheet HTML 685Page - Renesas Technology Corp SH7041A Datasheet HTML 686Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 682 / 923 page
background image
644
The IFCR is initialized to H'0000 by external power-on reset but is not initialized for manual
resets, reset by WDT, standby mode, or sleep mode, so the previous data is maintained.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
76
5
4
3
2
1
0
—
—
—
—
IRQ
MD3
IRQ
MD2
IRQ
MD1
IRQ
MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
• Bits 3 and 2—IRQOUT Mode 3, 2 (IRQMD3 and IRQMD2): These bits select the IRQOUT
pin function when the PDCRH1 bits 13 and 12 (PD30MD1, PD30MD0) are set to (1, 0). These
bit settings are effective only for the 144 pin version. Reads and writes are also possible in the
112-pin and 120-pin versions, but they have no effect on the pin functions.
Bit 3: IRQMD3
Bit 2: IRQMD2
Description
0
0
Interrupt request received output (initial value)
1
Refresh signal output
1
0
Interrupt request received, or refresh signal output
(which of the two is output depends on the operation
status at the time)
1
Always high level output
• Bits 1 and 0—IRQOUT Mode 1, 0 (IRQMD1 and IRQMD0): These bits select the IRQOUT
pin function when the PECR1 bits 1 and 0 (PE15MD1, PE15MD0) are set to (1, 1).
Bit 1: IRQMD1
Bit 0: IRQMD0
Description
0
0
Interrupt request received output (initial value)
1
Refresh signal output
1
0
Interrupt request received, or refresh signal output
(which of the two is output depends on the operation
status at the time)
1
Always high level output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com