Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 685 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 685 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 681Page - Renesas Technology Corp SH7041A Datasheet HTML 682Page - Renesas Technology Corp SH7041A Datasheet HTML 683Page - Renesas Technology Corp SH7041A Datasheet HTML 684Page - Renesas Technology Corp SH7041A Datasheet HTML 685Page - Renesas Technology Corp SH7041A Datasheet HTML 686Page - Renesas Technology Corp SH7041A Datasheet HTML 687Page - Renesas Technology Corp SH7041A Datasheet HTML 688Page - Renesas Technology Corp SH7041A Datasheet HTML 689Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 685 / 923 page
background image
647
Section 19 I/O Ports (I/O)
19.1
Overview
There are six ports, A, B, C, D, E, and F. The pins of the ports are multiplexed for use as general-
purpose I/Os (the port F pins are general input) or for other functions. Use the pin function
controller (PFC) to select the function of multiplexed pins. The ports each have one data register
for storing pin data. The initialize function after power-on reset differs depending on the operating
mode of each pin. See table 18.2, Pin Arrangement by Mode, for details.
19.2
Port A
There are two versions of port A:
• FP-112/TFP-120
• FP-144
In the FP-112 and TFP-120 versions, port A is a 16-pin input/output port, as listed in table 19.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com