Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 689 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 689 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 685Page - Renesas Technology Corp SH7041A Datasheet HTML 686Page - Renesas Technology Corp SH7041A Datasheet HTML 687Page - Renesas Technology Corp SH7041A Datasheet HTML 688Page - Renesas Technology Corp SH7041A Datasheet HTML 689Page - Renesas Technology Corp SH7041A Datasheet HTML 690Page - Renesas Technology Corp SH7041A Datasheet HTML 691Page - Renesas Technology Corp SH7041A Datasheet HTML 692Page - Renesas Technology Corp SH7041A Datasheet HTML 693Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 689 / 923 page
background image
651
19.2.3
Port A Data Register L (PADRL)
PADRL is a 16-bit read/write register that stores data for port A. The bits PA15DR–PA0DR
correspond to the PA15/CK–PA0/RXD0 pins. When the pins are used as ordinary outputs, they
will output whatever value is written in the PADRL; when PADRL is read, the register value will
be output regardless of the pin status. When the pins are used as ordinary inputs, the pin status
rather than the register value is read directly when PADRL is read. When a value is written to
PADRL, that value can be written into PADRL, but it will not affect the pin status. Table 19.4
shows the read/write operations of the port A data register.
PADRL is initialized by an external power-on reset. However, PADRL is not initialized for
manual reset, reset by WDT, standby mode, or sleep mode.
Bit:
15
14
13
12
11
10
9
8
PA15DR PA14DR PA13DR PA12DR PA11DR PA10DR PA9DR
PA8DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PA7DR
PA6DR
PA5DR
PA4DR
PA3DR
PA2DR
PA1DR
PA0DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 19.4
Read/Write Operation of the Port A Data Register (PADR)
PAIOR Pin Status
Read
Write
0
Ordinary input
Pin status
Can write to PADR, but it has no effect on pin status
Other function
Pin status
Can write to PADR, but it has no effect on pin status
1
Ordinary output
PADR value
Value written is output by pin
Other function
PADR value
Can write to PADR, but it has no effect on pin status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com