Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 693 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 693 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 689Page - Renesas Technology Corp SH7041A Datasheet HTML 690Page - Renesas Technology Corp SH7041A Datasheet HTML 691Page - Renesas Technology Corp SH7041A Datasheet HTML 692Page - Renesas Technology Corp SH7041A Datasheet HTML 693Page - Renesas Technology Corp SH7041A Datasheet HTML 694Page - Renesas Technology Corp SH7041A Datasheet HTML 695Page - Renesas Technology Corp SH7041A Datasheet HTML 696Page - Renesas Technology Corp SH7041A Datasheet HTML 697Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 923 page
background image
655
19.4.2
Port C Data Register (PCDR)
PCDR is a 16-bit read/write register that stores data for port C. The bits PC15DR–PC0DR
correspond to the PC15/A15–PC0/A0 pins. When the pins are used as ordinary outputs, they will
output whatever value is written in the PCDR; when PCDR is read, the register value will be read
regardless of the pin status. When the pins are used as ordinary inputs, the pin status rather than
the register value is read directly when PCDR is read. When a value is written to PCDR, that value
can be written into PCDR, but it will not affect the pin status. Table 19.10 shows the read/write
operations of the port C data register.
PCDR is initialized by an external power-on reset. However, PCDR is not initialized for a manual
reset, reset by WDT, standby mode, or sleep mode.
Bit:
15
14
13
12
11
10
9
8
PC15DR PC14DR PC13DR PC12DR PC11DR PC10DR PC9DR
PC8DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PC7DR
PC6DR
PC5DR
PC4DR
PC3DR
PC2DR
PC1DR
PC0DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 19.10 Read/Write Operation of the Port C Data Register (PCDR)
PCIOR
Pin Status
Read
Write
0
Ordinary input
Pin status
Can write to PCDR, but it has no effect on pin status
Other function
Pin status
Can write to PCDR, but it has no effect on pin status
1
Ordinary output
PCDR value
Value written is output by pin
Other function
PCDR value
Can write to PCDR, but it has no effect on pin status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com