Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 694 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 694 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 690Page - Renesas Technology Corp SH7041A Datasheet HTML 691Page - Renesas Technology Corp SH7041A Datasheet HTML 692Page - Renesas Technology Corp SH7041A Datasheet HTML 693Page - Renesas Technology Corp SH7041A Datasheet HTML 694Page - Renesas Technology Corp SH7041A Datasheet HTML 695Page - Renesas Technology Corp SH7041A Datasheet HTML 696Page - Renesas Technology Corp SH7041A Datasheet HTML 697Page - Renesas Technology Corp SH7041A Datasheet HTML 698Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 694 / 923 page
background image
656
19.5
Port D
There are two versions of port D:
• FP-112
• FP-144
In the FP-112 version, port D is a 16-pin input/output port, as shown in table 19.11.
Table 19.11 Port D, FP-112 Version
Extended Mode
Without ROM
(Mode 0)
Extended Mode
Without ROM
(Mode 1)
Extended Mode With
ROM (Mode 2)
Single Chip Mode
D15 (I/O)
D15 (I/O)
PD15 (I/O)/D15 (I/O)
PD15 (I/O)
D14 (I/O)
D14 (I/O)
PD14 (I/O)/D14 (I/O)
PD14 (I/O)
D13 (I/O)
D13 (I/O)
PD13 (I/O)/D13 (I/O)
PD13 (I/O)
D12 (I/O)
D12 (I/O)
PD12 (I/O)/D12 (I/O)
PD12 (I/O)
D11 (I/O)
D11 (I/O)
PD11 (I/O)/D11 (I/O)
PD11 (I/O)
D10 (I/O)
D10 (I/O)
PD10 (I/O)/D10 (I/O)
PD10 (I/O)
D9 (I/O)
D9 (I/O)
PD9 (I/O)/D9 (I/O)
PD9 (I/O)
D8 (I/O)
D8 (I/O)
PD8 (I/O)/D8 (I/O)
PD8 (I/O)
D7 (I/O)
D7 (I/O)
PD7 (I/O)/D7 (I/O)
PD7 (I/O)
D6 (I/O)
D6 (I/O)
PD6 (I/O)/D6 (I/O)
PD6 (I/O)
D5 (I/O)
D5 (I/O)
PD5 (I/O)/D5 (I/O)
PD5 (I/O)
D4 (I/O)
D4 (I/O)
PD4 (I/O)/D4 (I/O)
PD4 (I/O)
D3 (I/O)
D3 (I/O)
PD3 (I/O)/D3 (I/O)
PD3 (I/O)
D2 (I/O)
D2 (I/O)
PD2 (I/O)/D2 (I/O)
PD2 (I/O)
D1 (I/O)
D1 (I/O)
PD1 (I/O)/D1 (I/O)
PD1 (I/O)
D0 (I/O)
D0 (I/O)
PD0 (I/O)/D0 (I/O)
PD0 (I/O)
In the FP-144 version, port D is a 32-pin input/output port, as listed in table 19.12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com