Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 698 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 698 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 694Page - Renesas Technology Corp SH7041A Datasheet HTML 695Page - Renesas Technology Corp SH7041A Datasheet HTML 696Page - Renesas Technology Corp SH7041A Datasheet HTML 697Page - Renesas Technology Corp SH7041A Datasheet HTML 698Page - Renesas Technology Corp SH7041A Datasheet HTML 699Page - Renesas Technology Corp SH7041A Datasheet HTML 700Page - Renesas Technology Corp SH7041A Datasheet HTML 701Page - Renesas Technology Corp SH7041A Datasheet HTML 702Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 698 / 923 page
background image
660
19.5.3
Port D Data Register L (PDDRL)
PDDRL is a 16-bit read/write register that stores data for port D. The bits PD15DR–PD0DR
correspond to the PD15/D15–PD0/D0 pins. When the pins are used as ordinary outputs, they will
output whatever value is written in the PDDRL; when PDDRL is read, the register value will be
read regardless of the pin status. When the pins are used as ordinary inputs, the pin status rather
than the register value is read directly when PDDRL is read. When a value is written to PDDRL,
that value can be written into PDDRL, but it will not affect the pin status. Table 19.14 shows the
read/write operations of the port D data register.
PDDRL is initialized by an external power-on reset. However, PDDRL is not initialized for a
manual reset, reset by WDT, standby mode, or sleep mode.
Bit:
15
14
13
12
11
10
9
8
PD15DR PD14DR PD13DR PD12DR PD11DR PD10DR PD9DR
PD8DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PD7DR
PD6DR
PD5DR
PD4DR
PD3DR
PD2DR
PD1DR
PD0DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 19.14 Read/Write Operation of the Port D Data Register (PDDR)
PDIOR
Pin Status
Read
Write
0
Ordinary input
Pin status
Can write to PDDR, but it has no effect on pin status
Other function
Pin status
Can write to PDDR, but it has no effect on pin status
1
Ordinary output
PDDR value
Value written is output by pin
Other function
PDDR value
Can write to PDDR, but it has no effect on pin status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com