Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 700 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 700 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 696Page - Renesas Technology Corp SH7041A Datasheet HTML 697Page - Renesas Technology Corp SH7041A Datasheet HTML 698Page - Renesas Technology Corp SH7041A Datasheet HTML 699Page - Renesas Technology Corp SH7041A Datasheet HTML 700Page - Renesas Technology Corp SH7041A Datasheet HTML 701Page - Renesas Technology Corp SH7041A Datasheet HTML 702Page - Renesas Technology Corp SH7041A Datasheet HTML 703Page - Renesas Technology Corp SH7041A Datasheet HTML 704Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 700 / 923 page
background image
662
19.6.2
Port E Data Register (PEDR)
PEDR is a 16-bit read/write register that stores data for port E. The bits PE15DR–PE0DR
correspond to the PE15/TIOC4D/DACK1/
IRQOUT–PE0/TIOC0A/DREQ0 pins. When the pins
are used as ordinary outputs, they will output whatever value is written in the PEDR; when PEDR
is read, the register value will be read regardless of the pin status. When the pins are used as
ordinary inputs, the pin status rather than the register value is read directly when PEDR is read.
When a value is written to PEDR, that value can be written into PEDR, but it will not affect the
pin status. Table 19.17 shows the read/write operations of the port E data register.
PEDR is initialized by a external power-on reset. However, PEDR is not initialized for a manual
reset, reset by WDT, standby mode, or sleep mode, so the previous data is retained.
Bit:
15
14
13
12
11
10
9
8
PE15DR PE14DR PE13DR PE12DR PE11DR PE10DR PE9DR
PE8DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PE7DR
PE6DR
PE5DR
PE4DR
PE3DR
PE2DR
PE1DR
PE0DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 19.17 Read/Write Operation of the Port E Data Register (PEDR)
PEIOR
Pin Status
Read
Write
0
Ordinary input
Pin status
Can write to PEDR, but it has no effect on pin status
Other function
Pin status
Can write to PEDR, but it has no effect on pin status
1
Ordinary output
PEDR value
Value written is output by pin
Other function
PEDR value
Can write to PEDR, but it has no effect on pin status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com