Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 701 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 701 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 697Page - Renesas Technology Corp SH7041A Datasheet HTML 698Page - Renesas Technology Corp SH7041A Datasheet HTML 699Page - Renesas Technology Corp SH7041A Datasheet HTML 700Page - Renesas Technology Corp SH7041A Datasheet HTML 701Page - Renesas Technology Corp SH7041A Datasheet HTML 702Page - Renesas Technology Corp SH7041A Datasheet HTML 703Page - Renesas Technology Corp SH7041A Datasheet HTML 704Page - Renesas Technology Corp SH7041A Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 923 page
background image
663
19.7
Port F
Port F is an 8-pin input port. All modes are configured in the following way:
• PF7 (input)/AN7 (input)
• PF6 (input)/AN6 (input)
• PF5 (input)/AN5 (input)
• PF4 (input)/AN4 (input)
• PF3 (input)/AN3 (input)
• PF2 (input)/AN2 (input)
• PF1 (input)/AN1 (input)
• PF0 (input)/AN0 (input)
19.7.1
Register Configuration
Table 19.18 summarizes the port F register.
Table 19.18 Port F Register
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port F data register
PFDR
R
External pin
dependent
H'FFFF83B3
8
19.7.2
Port F Data Register (PFDR)
PFDR is an 8-bit read-only register that stores data for port F. The bits PF7DR–PF0DR
correspond to the PF7/AN7–PF0/AN0 pins. There are no bits 15–8, so always access as eight bits.
Any value written into these bits is ignored, and there is no effect on the status of the pins. When
any of the bits are read, the pin status rather than the bit value is read directly. However, when an
A/D converter analog input is being sampled, values of 1 are read out. Table 19.19 shows the
read/write operations of the port F data register.
PFDR is not initialized by power-on resets, manual resets, standby mode, or sleep mode (the bits
always reflect the pin status).
Bit:
7
6
5
4
3
2
1
0
PF7DR
PF6DR
PF5DR
PF4DR
PF3DR
PF2DR
PF1DR
PF0DR
Initial value:
**
**
***
*
R/W:
R
R
R
R
R
R
R
R
Note: * Initial values are dependent on the status of the pins at the time of the reads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com