Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 691 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 691 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 687Page - Renesas Technology Corp SH7041A Datasheet HTML 688Page - Renesas Technology Corp SH7041A Datasheet HTML 689Page - Renesas Technology Corp SH7041A Datasheet HTML 690Page - Renesas Technology Corp SH7041A Datasheet HTML 691Page - Renesas Technology Corp SH7041A Datasheet HTML 692Page - Renesas Technology Corp SH7041A Datasheet HTML 693Page - Renesas Technology Corp SH7041A Datasheet HTML 694Page - Renesas Technology Corp SH7041A Datasheet HTML 695Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 691 / 923 page
background image
653
19.3.2
Port B Data Register (PBDR)
PBDR is a 16-bit read/write register that stores data for port B. The bits PB9DR–PB0DR
correspond to the PB9/
IRQ7/A21/ADTRG–PB0/A16 pins. When the pins are used as ordinary
outputs, they will output whatever value is written in the PBDR; when PBDR is read, the register
value will be read regardless of the pin status. When the pins are used as ordinary inputs, the pin
status rather than the register value is read directly when PBDR is read. When a value is written to
PBDR, that value can be written into PBDR, but it will not affect the pin status. Table 19.7 shows
the read/write operations of the port B data register.
PBDR is initialized by an external power-on reset. However, PBDR is not initialized for a manual
reset, reset by WDT, standby mode, or sleep mode.
Bit:
15
14
13
12
11
10
9
8
—
—
—
—
—
—
PB9DR
PB8DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PB7DR
PB6DR
PB5DR
PB4DR
PB3DR
PB2DR
PB1DR
PB0DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 19.7
Read/Write Operation of the Port B Data Register (PBDR)
PBIOR
Pin Status
Read
Write
0
Ordinary input
Pin status
Can write to PBDR, but it has no effect on pin status
Other function
Pin status
Can write to PBDR, but it has no effect on pin status
1
Ordinary output
PBDR value
Value written is output by pin
Other function
PBDR value
Can write to PBDR, but it has no effect on pin status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com