Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 688 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 688 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 684Page - Renesas Technology Corp SH7041A Datasheet HTML 685Page - Renesas Technology Corp SH7041A Datasheet HTML 686Page - Renesas Technology Corp SH7041A Datasheet HTML 687Page - Renesas Technology Corp SH7041A Datasheet HTML 688Page - Renesas Technology Corp SH7041A Datasheet HTML 689Page - Renesas Technology Corp SH7041A Datasheet HTML 690Page - Renesas Technology Corp SH7041A Datasheet HTML 691Page - Renesas Technology Corp SH7041A Datasheet HTML 692Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 688 / 923 page
background image
650
19.2.1
Register Configuration
Table 19.3 summarizes the port A register.
Table 19.3
Port A Register
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port A data register H PADRH
R/W
H'0000
H'FFFF8380
H'FFFF8381
8, 16, 32
Port A data register L PADRL
R/W
H'0000
H'FFFF8382
H'FFFF8383
8, 16, 32
19.2.2
Port A Data Register H (PADRH)
PADRH is a 16-bit read/write register that stores data for port A. The bits PA23DR–PA16DR
correspond to the PA23/
WRHH–PA16/AH pins. When the pins are used as ordinary outputs, they
will output whatever value is written in the PADRH; when PADRH is read, the register value will
be output regardless of the pin status. When the pins are used as ordinary inputs, the pin status
rather than the register value is read directly when PADRH is read. When a value is written to
PADRH, that value can be written into PADRH, but it will not affect the pin status. Table 19.4
shows the read/write operations of the port A data register.
PADRH is initialized by an external power-on reset. However, PADRH is not initialized for
manual reset, reset by WDT, standby mode, or sleep mode.
These register settings function only for the 144-pin version. There are no pins corresponding to
this register in the 112-pin version. However, read/writes are possible.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
PA23DR PA22DR PA21DR PA20DR PA19DR PA18DR PA17DR PA16DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com