Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 672 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 672 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 668Page - Renesas Technology Corp SH7041A Datasheet HTML 669Page - Renesas Technology Corp SH7041A Datasheet HTML 670Page - Renesas Technology Corp SH7041A Datasheet HTML 671Page - Renesas Technology Corp SH7041A Datasheet HTML 672Page - Renesas Technology Corp SH7041A Datasheet HTML 673Page - Renesas Technology Corp SH7041A Datasheet HTML 674Page - Renesas Technology Corp SH7041A Datasheet HTML 675Page - Renesas Technology Corp SH7041A Datasheet HTML 676Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 672 / 923 page
background image
634
18.3.12
Port D Control Register L (PDCRL)
PDCRL is a 16-bit read/write register that selects the multiplexed pin functions for the least
significant sixteen port D pins. There are instances when these register settings will be ignored,
depending on the operation mode.
On-Chip ROM-Disabled Extended Mode:
• 144-pin version:
 Mode 0 (16-bit bus): Port D pins are data I/O pins; PDCRL settings are disabled.
 Mode 1 (32-bit bus): Port D pins are data I/O pins; PDCRL settings are disabled.
• 112-pin and 120-pin versions:
 Mode 0 (8-bit bus): Port D pins are data I/O pins; PDCRL settings are disabled.
 Mode 1 (16-bit bus): Port D pins are data I/O pins; PDCRL settings are disabled.
On-Chip ROM-Enabled Extended Mode: The port D pins are shared as data I/O pins and
general I/O pins; PDCRL settings are enabled.
Single Chip Mode: The port D pins are general I/O pins; PDCRL settings are disabled.
PDCRL is initialized to H'0000 by external power-on reset but is not initialized for manual resets,
reset by WDT, standby mode, or sleep mode, so the previous data is maintained.
Port D Control Register L (PDCRL)
Bit:
15
14
13
12
11
10
9
8
PD15
MD
PD14
MD
PD13
MD
PD12
MD
PD11
MD
PD10
MD
PD9
MD
PD8
MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
5
4
3
2
1
0
PD7
MD
PD6
MD
PD5
MD
PD4
MD
PD3
MD
PD2
MD
PD1
MD
PD0
MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com