Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 671 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 671 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 667Page - Renesas Technology Corp SH7041A Datasheet HTML 668Page - Renesas Technology Corp SH7041A Datasheet HTML 669Page - Renesas Technology Corp SH7041A Datasheet HTML 670Page - Renesas Technology Corp SH7041A Datasheet HTML 671Page - Renesas Technology Corp SH7041A Datasheet HTML 672Page - Renesas Technology Corp SH7041A Datasheet HTML 673Page - Renesas Technology Corp SH7041A Datasheet HTML 674Page - Renesas Technology Corp SH7041A Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 923 page
background image
633
• Bits 5 and 4—PD18 Mode 1, 0 (PD18MD1 and PD18MD0): These bits select the function of
the PD18/D18/
IRQ2 pin.
Bit 5:
PD18MD1
Bit 4:
PD18MD0
Description
0
0
General input/output (PD18) (initial value) (D18 with no ROM
and CS0 = 32 bit width
1
Data input/output (D18) (PD18 in single chip mode)
1
0
Interrupt request input (
IRQ2)
1
Reserved
• Bits 3 and 2—PD17 Mode 1, 0 (PD17MD1 and PD17MD0): These bits select the function of
the PD17/D17/
IRQ1 pin.
Bit 3:
PD17MD1
Bit 2:
PD17MD0
Description
0
0
General input/output (PD17) (initial value) (D17 with no ROM
and CS0 = 32 bit width)
1
Data input/output (D17) (PD17 in single chip mode)
1
0
Interrupt request input (
IRQ1)
1
Reserved
• Bits 1 and 0—PD16 Mode 1, 0 (PD16MD1 and PD16MD0): These bits select the function of
the PD16/D16/
IRQ0 pin.
Bit 1:
PD16MD1
Bit 0:
PD16MD0
Description
0
0
General input/output (PD16) (initial value) (D16 with no ROM
and CS0 = 32 bit width)
1
Data input/output (D16) (PD16 in single chip mode)
1
0
Interrupt request input (
IRQ0)
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com