Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 664 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 664 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 660Page - Renesas Technology Corp SH7041A Datasheet HTML 661Page - Renesas Technology Corp SH7041A Datasheet HTML 662Page - Renesas Technology Corp SH7041A Datasheet HTML 663Page - Renesas Technology Corp SH7041A Datasheet HTML 664Page - Renesas Technology Corp SH7041A Datasheet HTML 665Page - Renesas Technology Corp SH7041A Datasheet HTML 666Page - Renesas Technology Corp SH7041A Datasheet HTML 667Page - Renesas Technology Corp SH7041A Datasheet HTML 668Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 923 page
background image
626
• Bit 0—PC0 Mode (PC0MD): Selects the function of the PC0/A0 pin.
Bit 0: PC0MD
Description
0
General input/output (PC0) (initial value) (A0 in on-chip ROM invalid mode)
1
Address output (A0) (PC0 in single chip mode)
18.3.9
Port D I/O Register H (PDIORH)
The port D I/O register H (PDIORH) is a 16-bit read/write register that selects input or output for
the most significant sixteen port D pins. Bits PD31IOR–PD16IOR correspond to the
PD31/D31/
ADTRG pin to PD16/D16/IRQ0 pin. PDIORH is enabled when the port D pins
function as general input/outputs (PD31–PD16). For other functions, it is disabled.
For port D pin functions PD31–PD16, a given pin in port D is an output pin if its corresponding
PDIORH bit is set to 1, and an input pin if the bit is cleared to 0.
PDIORH is initialized to H'0000 by external power-on reset; however, it is not initialized for
manual resets, reset by WDT, standby mode, or sleep mode, so the previous data is maintained.
The settings for this register are effective only for the 144-pin version. There are no corresponding
pins for this register in the 112-pin and 120-pin versions. However, read/writes are possible.
Bit:
15
14
13
12
11
10
9
8
PD31
IOR
PD30
IOR
PD29
IOR
PD28
IOR
PD27
IOR
PD26
IOR
PD25
IOR
PD24
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
5
4
3
2
1
0
PD23
IOR
PD22
IOR
PD21
IOR
PD20
IOR
PD19
IOR
PD18
IOR
PD17
IOR
PD16
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com