Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 717 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 717 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 713Page - Renesas Technology Corp SH7041A Datasheet HTML 714Page - Renesas Technology Corp SH7041A Datasheet HTML 715Page - Renesas Technology Corp SH7041A Datasheet HTML 716Page - Renesas Technology Corp SH7041A Datasheet HTML 717Page - Renesas Technology Corp SH7041A Datasheet HTML 718Page - Renesas Technology Corp SH7041A Datasheet HTML 719Page - Renesas Technology Corp SH7041A Datasheet HTML 720Page - Renesas Technology Corp SH7041A Datasheet HTML 721Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 717 / 923 page
background image
679
Address
Data
V
PP
V
CC
CE
PGM
OE
Write
Verify
t
AH
Read data
t
DF
t
DH
t
DS
t
AS
t
VPS
Write data
t
VCS
t
CES
t
PW
(t
OPW)
*
t
OES
t
OE
V
PP
V
CC
V
CC + 1
V
CC
Note: * t
OPW is defined by the values noted in the flowchart (figure 19.6).
Figure 21.7 Write/Verify Timing
21.3.3
Cautions on Writing
1. Writes must always be done with the established voltage and timing. The write voltage
(programming voltage) V
PP is 12.5 V (when the EPROM writer is set for the HN27C101
Hitachi specifications, V
PP becomes 12.5 V). Devices will sometimes be destroyed if a voltage
higher than the rated one is applied. Pay particular attention to such phenomena as EPROM
writer overshoot.
2. Always confirm that the indices of the EPROM writer socket, socket adapter, and device are in
agreement before programming. Devices will sometimes be destroyed due to excessive current
flow if these are not connected in the proper locations.
3. Do not touch the socket adapter or device during writing. Contact faults can sometimes cause
devices to be improperly written.
4. Page programming mode writes are not possible. Always set to byte programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com