Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 718 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 718 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 714Page - Renesas Technology Corp SH7041A Datasheet HTML 715Page - Renesas Technology Corp SH7041A Datasheet HTML 716Page - Renesas Technology Corp SH7041A Datasheet HTML 717Page - Renesas Technology Corp SH7041A Datasheet HTML 718Page - Renesas Technology Corp SH7041A Datasheet HTML 719Page - Renesas Technology Corp SH7041A Datasheet HTML 720Page - Renesas Technology Corp SH7041A Datasheet HTML 721Page - Renesas Technology Corp SH7041A Datasheet HTML 722Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 718 / 923 page
background image
680
5. Terminate the writing if a write malfunction occurs in consecutive addresses. In such cases,
check for problems in the EPROM writer and/or socket adapter. There are some cases where
write/verify will not be possible if using an EPROM writer with a high impedance power
supply system.
6. Use a EPROM writer that conforms to the socket adapter supported by this LSI.
21.3.4
Post-Write Reliability
High temperature biasing (or burn-in) of devices is recommended after writing in order to improve
the data retention characteristics. High temperature biasing is a method of screening that
eliminates parts with faulty initial data retention by on-chip PROM memory cells within a short
period of time. Figure 21.8 shows the flow from the on-chip PROM programming including
screening to the installation of the device on a board.
Program write/verify
Installation on board
Figure 21.5 (flowchart)
Unpowered high-
temperature bias
(125–150
°C, 24–48 hours)
Data read out and verify
(V
CC = 5.0 V)
Figure 21.8 Screening Flow
If there are any abnormalities in program write/verify or program read-out verification after high
temperature biasing, please contact a Renesas Technology technical representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com