Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 715 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 715 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 711Page - Renesas Technology Corp SH7041A Datasheet HTML 712Page - Renesas Technology Corp SH7041A Datasheet HTML 713Page - Renesas Technology Corp SH7041A Datasheet HTML 714Page - Renesas Technology Corp SH7041A Datasheet HTML 715Page - Renesas Technology Corp SH7041A Datasheet HTML 716Page - Renesas Technology Corp SH7041A Datasheet HTML 717Page - Renesas Technology Corp SH7041A Datasheet HTML 718Page - Renesas Technology Corp SH7041A Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 923 page
background image
677
Electrical Characteristics: Tables 21.3 and 21.4 show the electrical characteristics for
programming. Figure 21.7 shows the timing.
Table 21.3
DC Characteristics (V
CC = 6.0 V ± 0.25 V, V
PP = 12.5 V ± 0.3 V, VSS = 0 V, Ta =
25°C
± 5°C)
Item
Pin
SymbolMin Typ Max
Unit
Measurement
Conditions
Input high-level
voltage
I/O7–I/O0, A16–A0,
OE, CE, PGM
VIH
2.4
—
V
CC + 0.3
V
Input low-level
voltage
I/O7–I/O0, A16–A0,
OE, CE, PGM
VIL
–0.3 —
0.8
V
Output high-level
voltage
I/O7–I/O0
VOH
2.4
—
—
V
IOH = –200 µA
Output low-level
voltage
I/O7–I/O0
VOL
—
—
0.45
V
IOL = 1.6 mA
Input leak current
I/O7–I/O0, A16–A0,
OE, CE, PGM
| ILI |
——2
µA
VIN = 5.25 V/0.5 V
V
CC current
I
CC
——80
mA
V
PP current
IPP
——80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com