Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 711 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 711 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 707Page - Renesas Technology Corp SH7041A Datasheet HTML 708Page - Renesas Technology Corp SH7041A Datasheet HTML 709Page - Renesas Technology Corp SH7041A Datasheet HTML 710Page - Renesas Technology Corp SH7041A Datasheet HTML 711Page - Renesas Technology Corp SH7041A Datasheet HTML 712Page - Renesas Technology Corp SH7041A Datasheet HTML 713Page - Renesas Technology Corp SH7041A Datasheet HTML 714Page - Renesas Technology Corp SH7041A Datasheet HTML 715Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 923 page
background image
673
HN27C101
(144-pin version)
SH7043
Pin name
Pin number
RES/VPP
108
NMI
98
PD0/D0
92
PD1/D1
91
PD2/D2
90
PD3/D3
89
PD4/D4
88
PD5/D5
86
PD6/D6
84
PD7/D7
83
PC0/A0
7
PC1/A1
8
PC2/A2
9
PC3/A3
10
PC4/A4
11
PC5/A5
13
PC6/A6
15
PC7/A7
PC8/A8
16
PB3/
IRQ1/POE1/CASL
17
PC10/A10
32
PC11/A11
19
PC12/A12
20
21
PC13/A13
PC14/A14
22
PC15/A15
23
24
PB0/A16
PB4/
IRQ2/POE2/CASH
25
VCC
MD0
12, 26, 40, 63, 77,
85, 99, 112, 135
PLLVCC, AVCC, AVref
104, 128, 127
PLLCAP, PLLVSS, EXTAL
105, 106, 96
VSS
AVSS
6, 14, 28, 35, 42, 55, 61,
71, 79, 87, 93, 117, 129,
141
MD1
103
102
MD2
97
MD3
95
124
PF0/AN0–PF7/AN7
118–123, 125, 126
34
PE15/TIOC4D/DACK1/
IRQOUT
PE14/TIOC4D/DACK0/
AH
5
PB5/
IRQ3/POE3/RDWR
2
36
Pin number
Pin name
1
VPP
26
A9
13
I/O0
14
I/O1
15
I/O2
17
I/O3
18
I/O4
19
I/O5
20
I/O6
21
I/O7
12
A0
11
A1
10
A2
9
A3
8
A4
7
A5
6
A6
5
27
A7
24
A8
23
OE
25
A10
4
A11
A12
28
29
A13
3
A14
A15
2
31
A16
PGM
22
32
CE
16
VCC
VSS
EPROM socket
adapter
VPP:
A16–A0:
I/O7–I/O0:
OE:
PGM:
CE:
PROM program
power supply
(12.5 V)
Address input
Data input/
output
Output enable
Program enable
Chip enable
100
Ω
0.1
µF
0.1
µF
2 nF
Figure 21.4 SH7043 Pin and HN27C101 Pin Correspondence (144-Pin Version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com