Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 707 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 707 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 703Page - Renesas Technology Corp SH7041A Datasheet HTML 704Page - Renesas Technology Corp SH7041A Datasheet HTML 705Page - Renesas Technology Corp SH7041A Datasheet HTML 706Page - Renesas Technology Corp SH7041A Datasheet HTML 707Page - Renesas Technology Corp SH7041A Datasheet HTML 708Page - Renesas Technology Corp SH7041A Datasheet HTML 709Page - Renesas Technology Corp SH7041A Datasheet HTML 710Page - Renesas Technology Corp SH7041A Datasheet HTML 711Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 707 / 923 page
background image
669
Section 21 128kB PROM
21.1
Overview
This LSI has 128 kbytes of on-chip PROM.The on-chip ROM is connected to the CPU, the direct
memory access controller (DMAC) and the data transfer controller (DTC) through a 32-bit data
bus (figures 21.1). The CPU, DMAC, and DTC can access the on-chip ROM in 8, 16, and 32-bit
widths. Data in the on-chip ROM can always be accessed in one cycle.
H'00000000
H'00000004
H'00000001
H'00000005
H'00000002
H'00000006
H'00000003
H'00000007
H'0001FFFC
H'0001FFFD
H'0001FFFE
H'0001FFFF
On-chip ROM
Internal data bus (32 bits)
Figure 21.1 PROM Block Diagram
The operating mode determines whether the on-chip ROM is valid or not. The operating mode is
selected using mode-setting pins MD3–MD0 as shown in table 21.1. If you are using the on-chip
ROM, select mode 2 or mode 3; if you are not, select mode 0 or 1. The on-chip ROM is allocated
to addresses H'00000000–H'0001FFFF of memory area 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com