Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 709 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 709 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 705Page - Renesas Technology Corp SH7041A Datasheet HTML 706Page - Renesas Technology Corp SH7041A Datasheet HTML 707Page - Renesas Technology Corp SH7041A Datasheet HTML 708Page - Renesas Technology Corp SH7041A Datasheet HTML 709Page - Renesas Technology Corp SH7041A Datasheet HTML 710Page - Renesas Technology Corp SH7041A Datasheet HTML 711Page - Renesas Technology Corp SH7041A Datasheet HTML 712Page - Renesas Technology Corp SH7041A Datasheet HTML 713Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 709 / 923 page
background image
671
HN27C101
EPROM socket
adapter
0.1
µF
(112-pin version)
SH7042
Pin name
Pin number
RES/VPP
84
NMI
76
PD0/D0
70
PD1/D1
69
PD2/D2
68
PD3/D3
67
PD4/D4
66
PD5/D5
64
PD6/D6
63
PD7/D7
62
PC0/A0
4
PC1/A1
5
PC2/A2
6
PC3/A3
7
PC4/A4
8
PC5/A5
9
PC6/A6
10
PC7/A7
PC8/A8
11
PB3/
RD1/POE1/CASL
12
PC10/A10
25
PC11/A11
14
PC12/A12
15
16
PC13/A13
PC14/A14
17
PC15/A15
18
19
PB0/A16
PB4/
IRQ2/POE2/CASH
20
VCC
MD0
21, 37,65,77,103
PLLVCC/AVCC
80, 100
PLLCAP, PLLVSS, EXTAL
81, 82, 74
VSS
AVSS
3, 23, 27, 33, 39, 55,
61, 71, 90, 101, 109
MD1
79
78
MD2
75
MD3
73
97
PF0/AN0–PF7/AN7
91–96,
98, 99
26
PE15/TIOC4D/DACK1/
IRQOUT
PE14/TIOC4C/DACK0/
AH
2
PB5/
IRQ3/POE3/RDWR
1
28
Pin number
Pin name
1
VPP
26
A9
13
I/O0
14
I/O1
15
I/O2
17
I/O3
18
I/O4
19
I/O5
20
I/O6
21
I/O7
12
A0
11
A1
10
A2
9
A3
8
A4
7
A5
6
A6
5
27
A7
24
A8
23
OE
25
A10
4
A11
A12
28
29
A13
3
A14
A15
2
31
A16
PGM
22
32
CE
16
VCC
VPP:
A16–A0:
I/O7–I/O0:
OE:
PGM:
CE:
VSS
PROM program
power supply
(12.5 V)
Address input
Data input/
output
Output enable
Program enable
Chip enable
100
Ω
0.1
µF
2 nF
Figure 21.2 SH7042 Pin and HN27C101 Pin Correspondence (112-Pin Version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com