Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 712 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 712 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 708Page - Renesas Technology Corp SH7041A Datasheet HTML 709Page - Renesas Technology Corp SH7041A Datasheet HTML 710Page - Renesas Technology Corp SH7041A Datasheet HTML 711Page - Renesas Technology Corp SH7041A Datasheet HTML 712Page - Renesas Technology Corp SH7041A Datasheet HTML 713Page - Renesas Technology Corp SH7041A Datasheet HTML 714Page - Renesas Technology Corp SH7041A Datasheet HTML 715Page - Renesas Technology Corp SH7041A Datasheet HTML 716Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 923 page
background image
674
On-chip
ROM space
(area 0)
H'0000
H'1FFFF (128-kbyte version)
H'00000000
H'0001FFFF (128-kbyte version)
Address for MCU
modes 0, 1, 2, 3
Address for
PROM mode
Figure 21.5 On-Chip ROM Memory Map
21.3
PROM Programming
The PROM mode write/verify specifications are the same as those of the standard EPROM
HN27C101. However, because the page program format is not supported, do not set the PROM
writer to the page programming mode. PROM writers that only support page programming mode
cannot be used. When selecting a PROM writer, confirm that it supports the byte-by-byte high-
speed, high-reliability programming format.
21.3.1
Programming Mode Selection
There are two on-chip PROM programming modes: write and verify (reads and confirms written
data). The mode is selected by using the pins (table 21.2).
Table 21.2
PROM Programming Mode Selection
Pin
Mode
CE
OE
PGM
V
PP
V
CC
I/O7–I/O0
A16–A0
Write
010V
PP
V
CC
Data input
Address
Verify
0
0
1
Data output
input
Programming
0
0
0
High
Prohibited
011
impedance
100
111
Note:
0: low level, 1: high level, V
PP: VPP level, VCC: VCC level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com