Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 710 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 710 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 706Page - Renesas Technology Corp SH7041A Datasheet HTML 707Page - Renesas Technology Corp SH7041A Datasheet HTML 708Page - Renesas Technology Corp SH7041A Datasheet HTML 709Page - Renesas Technology Corp SH7041A Datasheet HTML 710Page - Renesas Technology Corp SH7041A Datasheet HTML 711Page - Renesas Technology Corp SH7041A Datasheet HTML 712Page - Renesas Technology Corp SH7041A Datasheet HTML 713Page - Renesas Technology Corp SH7041A Datasheet HTML 714Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 710 / 923 page
background image
672
Pin number
Pin name
89
81
75
74
73
72
71
69
68
67
5
6
7
8
9
10
11
12
13
26
15
16
17
18
19
20
21
27
3
2
29
22, 40, 70, 82, 111
84
83
80
85, 107
86, 87, 79
4, 24, 28, 36, 42
58, 66, 76, 97, 108, 117
98 to 103
105 to 106
104
78
RES/Vpp
NMI
PD0/D0
PD1/D1
PD2/D2
PD3/D3
PD4/D4
PD5/D5
PD6/D6
PD7/D7
PC0/A0
PC1/A1
PC2/A2
PC3/A3
PC4/A4
PC5/A5
PC6/A6
PC7/A7
PC8/A8
PB3/IRQ1/POE1/CASL
PC10/A10
PC11/A11
PC12/A12
PC13/A13
PC14/A14
PC15/A15
PB0/A16
PB4/IRQ2/POE2/CASH
PE15/TIOC4D/DACK1/IRQOUT
PE14/TIOC4C/DACK0/AH
PB5/IRQ3/POE3/RDWR
VCC
MD0
MD1
MD2
PLLVCC, AVCC
PLLCAP, PLLVSS, EXTAL
VSS
PF0/AN0 to PF5/AN5
PF6/AN6 to PF7/AN7
AVSS
MD3
Pin name
Pin number
Vpp
1
A9
26
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
A0
A1
A2
A3
A4
A5
A6
A7
A8
OE
A10
A11
A12
A13
A14
A15
A16
PGM
CE
Vcc
Vss
13
14
15
17
18
19
20
21
12
11
10
9
8
7
6
5
27
24
23
25
4
28
29
3
2
31
22
32
16
SH7042 (120-pin version)
HN27C101
EPROM socket
adapter
Vpp:
A16 to A0:
I/O7 to I/O0:
OE:
PGM:
CE:
PROM program
power supply
(12.5 V)
Address input
Data input/
output
Output enable
Program enable
Chip enable
0.1
µF
2 nF
0.1
µF
100
Ω
Figure 21.3 SH7042 Pin and HN27C101 Pin Correspondence (120-Pin Version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com