Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 111Page - Renesas Technology Corp SH7041A Datasheet HTML 112Page - Renesas Technology Corp SH7041A Datasheet HTML 113Page - Renesas Technology Corp SH7041A Datasheet HTML 114Page - Renesas Technology Corp SH7041A Datasheet HTML 115Page - Renesas Technology Corp SH7041A Datasheet HTML 116Page - Renesas Technology Corp SH7041A Datasheet HTML 117Page - Renesas Technology Corp SH7041A Datasheet HTML 118Page - Renesas Technology Corp SH7041A Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 923 page
background image
77
Section 3 Operating Modes
3.1
Operating Modes, Types, and Selection
This LSI has five operating modes and three clock modes, determined by the setting of the mode
pins (MD3–MD0). Do not change the mode pin settings during LSI operation (while power is on).
(In the F-ZTAT version, however, MD1 can be changed in the power-on reset state.)
Table 3.1 indicates the setting method for the operating mode.
Table 3.1
Operating Mode Setting
Mode
Pin Setting
Mode
On-Chip
CS0 Area
No.
FWP MD3*
1
MD2*
1
MD1 MD0 Name
ROM
112 Pin
144 Pin
0
1
x
x
0
0
MCU mode 0
Not Active
8-bit space
16-bit
space
1
1
x
x
0
1
MCU mode 1
Not Active
16-bit space
32-bit
space
2
1
x
x
1
0
MCU mode 2
Active
8/16-bit
space*
2
8/16/32-bit
space*
2
3
1
x
x
1
1
Single chip
mode
Active
—
—
4
1
1
1
1
1
PROM mode*
3
Active
—
—
—
0
x
x
0
0
Boot mode*
4
Active
8/16-bit
space*
2
8/16/32-bit
space*
2
—
0
xx0
1
—
—
—
0
x
x
1
0
User
programming
mode*
4
Active
8/16-bit
space*
2
8/16/32-bit
space*
2
—
0
xx1
1
—
—
—
1
1
1
0
1
Flash
programmer
mode*
4
Active
—
—
Notes: *1 MD2 and MD3 pins select the clock mode in modes 0–3 (table 3.2).
*2 Set by BCR2 of BSC.
*3 Only ZTAT.
*4 Only F-ZTAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com