Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 115Page - Renesas Technology Corp SH7041A Datasheet HTML 116Page - Renesas Technology Corp SH7041A Datasheet HTML 117Page - Renesas Technology Corp SH7041A Datasheet HTML 118Page - Renesas Technology Corp SH7041A Datasheet HTML 119Page - Renesas Technology Corp SH7041A Datasheet HTML 120Page - Renesas Technology Corp SH7041A Datasheet HTML 121Page - Renesas Technology Corp SH7041A Datasheet HTML 122Page - Renesas Technology Corp SH7041A Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 923 page
background image
81
Section 4 Clock Pulse Generator (CPG)
4.1
Overview
The SH7040 Series has an on-chip clock pulse generator (CPG) that generates the system clock
(
φ), as well as the internal clock (φ/2 to φ/8192). The CPG consists of an oscillator, a PLL, and a
prescaler.
4.1.1
Block Diagram
A block diagram of the clock pulse generator is shown in figure 4.1.
PLLCAP
CK
EXTAL
XTAL
MD2
MD3
Oscillator
PLL circuit
Clock mode
control circuitry
Prescaler
Within the LSI
φ
φ/2 to
φ/8192
Figure 4.1 Block Diagram of the Clock Pulse Generator
4.2
Oscillator
Clock pulses can be supplied from a connected crystal resonator or an external clock.
4.2.1
Connecting a Crystal Oscillator
Circuit Configuration: A crystal oscillator can be connected as shown in figure 4.2. Use the
damping resistance (Rd) listed in table 4.1. Use a 4–10 MHz crystal oscillator (consult your dealer
concerning the compatibility of the crystal oscillator and the LSI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com