Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 112Page - Renesas Technology Corp SH7041A Datasheet HTML 113Page - Renesas Technology Corp SH7041A Datasheet HTML 114Page - Renesas Technology Corp SH7041A Datasheet HTML 115Page - Renesas Technology Corp SH7041A Datasheet HTML 116Page - Renesas Technology Corp SH7041A Datasheet HTML 117Page - Renesas Technology Corp SH7041A Datasheet HTML 118Page - Renesas Technology Corp SH7041A Datasheet HTML 119Page - Renesas Technology Corp SH7041A Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 923 page
background image
78
Table 3.2 indicates the setting method for the clock mode.
Table 3.2
Clock Mode Setting
MD3
MD2
Clock Mode
0
0
PLL ON
× 1
0
1
PLL ON
× 2
1
0
PLL ON
× 4
1
1
Reserved (PROM mode only)
3.2
Explanation of Operating Modes
Table 3.3 describes the operating modes.
Table 3.3
Operating Modes
Mode
Description
(MCU) Mode 0
CS0 area becomes an external memory space with 8-bit bus width for
the 112-pin version, and 16-bit for the 144-pin version.
(MCU) Mode 1
CS0 area becomes an external memory space with 16-bit bus width for
the 112-pin version, and 32-bit for the 144-pin version
(MCU) Mode 2
The on-chip ROM becomes effective. The bus width for the on-chip ROM
space is 32 bit.
Mode 3 (single chip
mode)
Any port can be used, but external addresses can not be employed.
Mode 4 (PROM mode)
On-chip ROM can be programmed using a general PROM writer.
Clock mode
The input waveform frequency can be used as is, doubled or quadrupled
as an internal clock in modes 0 to 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com