Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 119Page - Renesas Technology Corp SH7041A Datasheet HTML 120Page - Renesas Technology Corp SH7041A Datasheet HTML 121Page - Renesas Technology Corp SH7041A Datasheet HTML 122Page - Renesas Technology Corp SH7041A Datasheet HTML 123Page - Renesas Technology Corp SH7041A Datasheet HTML 124Page - Renesas Technology Corp SH7041A Datasheet HTML 125Page - Renesas Technology Corp SH7041A Datasheet HTML 126Page - Renesas Technology Corp SH7041A Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 923 page
background image
85
External circuitry such as that shown in figure 4.6 is recommended around the PLL.
PLLCAP
PLLVCC
PLLVSS
VCC
VSS
R1: 3 k
Ω
C1: 470 pF
Rp: 200
Ω
CPB: 0.1
µF*
CB: 0.1
µF*
Note: * CB and CPB are laminated ceramic capacitors
(Recommended values)
Figure 4.6 Cautions for Use of PLL Oscillator Circuit
Place oscillation stabilization capacitor C1 and resistor R1 near the PLLCAP pin, and ensure that
these lines do not cross any other signal lines. Supply the C1 ground from PLLV
SS.
Also, separate PLLV
CC and PLLVSS, and the other VCC and VSS pins, from the board power supply
source, and be sure to insert bypass capacitors CPB and CB close to the pins.
If V
CC and PLLVCC are both 3.3 V ± 0.3 V, it is recommended that Rp be set to 0 Ω.
4.5.3
Spread Spectrum Clock Generator Usage Notes
The following points should be borne in mind when using a spread spectrum clock generator as an
external oscillator in order to reduce radiation noise.
• Set the center frequency and the spread amplitude such that the internal clock does not exceed
the maximum frequency during spread spectrum operation.
• Using a spread spectrum clock generator may trigger the oscillator halt function described in
section 4.4. If the system configuration is such that this function will cause problems, a spread
spectrum clock generator should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com