Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 121Page - Renesas Technology Corp SH7041A Datasheet HTML 122Page - Renesas Technology Corp SH7041A Datasheet HTML 123Page - Renesas Technology Corp SH7041A Datasheet HTML 124Page - Renesas Technology Corp SH7041A Datasheet HTML 125Page - Renesas Technology Corp SH7041A Datasheet HTML 126Page - Renesas Technology Corp SH7041A Datasheet HTML 127Page - Renesas Technology Corp SH7041A Datasheet HTML 128Page - Renesas Technology Corp SH7041A Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 923 page
background image
87
Section 5 Exception Processing
5.1
Overview
5.1.1
Types of Exception Processing and Priority
Exception processing is started by four sources: resets, address errors, interrupts and instructions
and have the priority shown in table 5.1. When several exception processing sources occur at once,
they are processed according to the priority shown.
Table 5.1
Types of Exception Processing and Priority Order
Exception
Source
Priority
Reset
Power-on reset
High
Manual reset
Address
CPU address error
error
DMAC/DTC address error
Interrupt
NMI
User break
IRQ
On-chip peripheral modules:
• Direct memory access controller (DMAC)
• Multifunction timer/pulse unit (MTU)
• Serial communications interface (SCI)
• A/D converter (A/D)*3
• Data transfer controller (DTC)
• Compare match timer (CMT)
• Watchdog timer (WDT)
• Bus state controller (BSC)
• Port output enable control section
Instructions Trap instruction (TRAPA instruction)
General illegal instructions (undefined code)
Illegal slot instructions (undefined code placed directly after a delay branch
instruction*
1 or instructions that rewrite the PC*2)
Low
Notes: *1 Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF.
*2 Instructions that rewrite the PC: JMP, JSR, BRA, BSR, RTS, RTE, BT, BF, TRAPA,
BF/S, BT/S, BSRF, BRAF.
*3 A mask products: A/D0, A/D1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com