Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 123Page - Renesas Technology Corp SH7041A Datasheet HTML 124Page - Renesas Technology Corp SH7041A Datasheet HTML 125Page - Renesas Technology Corp SH7041A Datasheet HTML 126Page - Renesas Technology Corp SH7041A Datasheet HTML 127Page - Renesas Technology Corp SH7041A Datasheet HTML 128Page - Renesas Technology Corp SH7041A Datasheet HTML 129Page - Renesas Technology Corp SH7041A Datasheet HTML 130Page - Renesas Technology Corp SH7041A Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 923 page
background image
89
5.1.3
Exception Processing Vector Table
Before exception processing begins running, the exception processing vector table must be set in
memory. The exception processing vector table stores the start addresses of exception service
routines. (The reset exception processing table holds the initial values of PC and SP.)
All exception sources are given different vector numbers and vector table address offsets, from
which the vector table addresses are calculated. During exception processing, the start addresses of
the exception service routines are fetched from the exception processing vector table, which
indicated by this vector table address.
Table 5.3 shows the vector numbers and vector table address offsets. Table 5.4 shows how vector
table addresses are calculated.
Table 5.3
Exception Processing Vector Table
Exception Sources
Vector
Numbers
Vector Table Address Offset
Power-on reset
PC
0
H'00000000–H'00000003
SP
1
H'00000004–H'00000007
Manual reset
PC
2
H'00000008–H'0000000B
SP
3
H'0000000C–H'0000000F
General illegal instruction
4
H'00000010–H'00000013
(Reserved by system)
5
H'00000014–H'00000017
Slot illegal instruction
6
H'00000018–H'0000001B
(Reserved by system)
7
H'0000001C–H'0000001F
(Reserved by system)
8
H'00000020–H'00000023
CPU address error
9
H'00000024–H'00000027
DMAC/DTC address
error
10
H'00000028–H'0000002B
Interrupts
NMI
11
H'0000002C–H'0000002F
User break
12
H'00000030–H'00000033
(Reserved by system)
13
:
31
H'00000034–H'00000037
:
H'0000007C–H'0000007F
Trap instruction (user vector)
32
:
63
H'00000080–H'00000083
:
H'000000FC–H'000000FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com