Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 127Page - Renesas Technology Corp SH7041A Datasheet HTML 128Page - Renesas Technology Corp SH7041A Datasheet HTML 129Page - Renesas Technology Corp SH7041A Datasheet HTML 130Page - Renesas Technology Corp SH7041A Datasheet HTML 131Page - Renesas Technology Corp SH7041A Datasheet HTML 132Page - Renesas Technology Corp SH7041A Datasheet HTML 133Page - Renesas Technology Corp SH7041A Datasheet HTML 134Page - Renesas Technology Corp SH7041A Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 923 page
background image
93
5.3.1
Address Error Exception Processing
When an address error occurs, the bus cycle in which the address error occurred ends. When the
executing instruction then finishes, address error exception processing starts up. The CPU operates
as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the last executed instruction.
3. The exception service routine start address is fetched from the exception processing vector
table that corresponds to the address error that occurred and the program starts executing from
that address. The jump that occurs is not a delayed branch.
5.4
Interrupts
Table 5.7 shows the sources that start up interrupt exception processing. These are divided into
NMI, user breaks, IRQ, and on-chip peripheral modules.
Table 5.7
Interrupt Sources
Type
Request Source
Number of
Sources
NMI
NMI pin (external input)
1
User break
User break controller
1
IRQ
IRQ0–IRQ7 (external input)
8
On-chip peripheral module
Direct memory access controller (DMAC)
4
Multifunction timer/pulse unit (MTU)
24
Serial communications interface (SCI)
8
A/D converter
1*
Data transfer controller (DTC)
1
Compare match timer (CMT)
2
Watchdog timer (WDT)
1
Bus state controller (BSC)
1
Port
1
Note: * For A mask products, (A/D0, A/D1) is 2
Each interrupt source is allocated a different vector number and vector table offset. See section 6,
Interrupt Controller (INTC), and table 6.3, Interrupt Exception Processing Vectors and Priorities,
for more information on vector numbers and vector table address offsets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com